Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 32Page - Texas Instruments TSC2006 Datasheet HTML 33Page - Texas Instruments TSC2006 Datasheet HTML 34Page - Texas Instruments TSC2006 Datasheet HTML 35Page - Texas Instruments TSC2006 Datasheet HTML 36Page - Texas Instruments TSC2006 Datasheet HTML 37Page - Texas Instruments TSC2006 Datasheet HTML 38Page - Texas Instruments TSC2006 Datasheet HTML 39Page - Texas Instruments TSC2006 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
www.ti.com
Conversion Controlled by TSC2006 Initiated by Host (TSMode 2)
t
COORDINATE
+
OH1
f
OSC
)2 @ tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
)2 @ N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(7)
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
Programmed
for
Host-
Controlled
Mode
(PSM=0)
CS
Deactivated
P ogra
r
mm d
for
X-Y
ScanMode
e
Reading
X-Data
Register
WaitingforHostto
WriteInto
ControlByte1D[6:3]
Sample,Conversion,
andPreprocessingfor
YCoordinate
TouchisStillHere
Reading
Y-Data
Register
CS
Deactivated
CS
Deactivated
Detecting
Touch
TouchisDetected
TouchisDetected
Sample,Conversion,
andPreprocessingfor
XCoordinate
Detecting
Touch
Sample,Conversion,
andPreprocessingfor
YCoordinate
Detecting
Touch
t
COORDINATE
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
In TSMode 2, the TSC2006 detects when the touch panel is touched and causes the internal Pen-Touch signal
to activate, which lowers the PINTDAV output if it is programmed as PENIRQ. The host recognizes the interrupt
request, and then writes to the A/D Converter Control register to select one of the two touch screen scan
functions:
1. X-Y-Z Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0000); or
2. X-Y Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0001).
See Table 7 for more information on the converter function select bits.
The conversion process then as shown in Figure 37; see previous sections for more details.
The main difference between this mode and the previous mode is that the host, not the TSC2006, decides when
the touch screen scan begins.
The time needed to convert both X and Y coordinates under host control (not including the time needed to send
the command over the SPI bus) is given by:
Figure 37. Example of an X and Y Coordinate Touch Screen Scan using TSMode 2
36
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com