Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 3 Page - Texas Instruments

  TSC2006 Datasheet HTML 1Page - Texas Instruments TSC2006 Datasheet HTML 2Page - Texas Instruments TSC2006 Datasheet HTML 3Page - Texas Instruments TSC2006 Datasheet HTML 4Page - Texas Instruments TSC2006 Datasheet HTML 5Page - Texas Instruments TSC2006 Datasheet HTML 6Page - Texas Instruments TSC2006 Datasheet HTML 7Page - Texas Instruments TSC2006 Datasheet HTML 8Page - Texas Instruments TSC2006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD
(1) = +1.2V to +3.6V, unless otherwise noted.
TSC2006
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXILIARY ANALOG INPUT
Input voltage range
0
VREF
V
Input capacitance
12
pF
Input leakage current
–1
+1
µA
A/D CONVERTER
Resolution
Programmable: 10 or 12 bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral linearity
–3
–1.2 to 0.7
+3
LSB(2)
Differential linearity
–0.7 to 0.6
4
LSB
Offset error
SNSVDD =1.6V, VREF = 1.6V, fSCLK = 10MHz, filter off
–5
2.2
+5
LSB
Gain error
SNSVDD =1.6V, VREF = 1.6V, fSCLK = 10MHz, filter off
–3
0.1
+3
LSB
REFERENCE INPUT
VREF range
1.2
SNSVDD
V
Non-continuous AUX mode, SNSVDD = VREF = 1.6V,
VREF input current drain
2.7
µA
TA = +25°C, fADC = 2MHz, fSCLK = 10MHz
Input impedance
A/D converter not converting
1
G
Ω
TOUCH SENSORS
PENIRQ 50k
Ω pull-up resistor,
TA = +25°C, SNSVDD = 3V, VREF = 2.5V
49
k
Ω
RIRQ
Y+, X+
6
Ω
Switch
on-resistance
Y–, X–
5
Ω
Switch drivers drive current(3)
100ms duration
50
mA
INTERNAL TEMPERATURE SENSOR
Temperature range
–40
+85
°C
SNSVDD = 1.6V
0.3
°C/LSB
Differential method(4)
SNSVDD = 3V
1.6
°C/LSB
Resolution
SNSVDD = 1.6V
0.3
°C/LSB
TEMP1(5)
SNSVDD = 3V
1.6
°C/LSB
SNSVDD = 1.6V
±3
°C/LSB
Differential method(4)
SNSVDD = 3V
±2
°C/LSB
Accuracy
SNSVDD = 1.6V
±3
°C/LSB
TEMP1(5)
SNSVDD = 3V
±2
°C/LSB
INTERNAL OSCILLATOR
SNSVDD = 1.2V, TA = +25°C
3.2
MHz
Clock frequency, fOSC
SNSVDD = 1.6V
3.3
3.7
4.3
MHz
SNSVDD = 3.0V, TA = +25°C
3.9
MHz
SNSVDD = 12V
0.112
%/
°C
Frequency drift
SNSVDD = 1.6V
–0.009
%/
°C
SNSVDD = 3.0V
–0.025
%/
°C
(1)
I/OVDD must be
≤ SNSVDD.
(2)
LSB means Least Significant Bit. With VREF = +2.5V, one LSB is 610µV.
(3)
Assured by design, but not tested. Exceeding 50mA source current may result in device degradation.
(4)
Difference between TEMP1 and TEMP2 measurement; no calibration necessary.
(5)
Temperature drift is –2.1mV/
°C.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com