Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 19Page - Texas Instruments TSC2006 Datasheet HTML 20Page - Texas Instruments TSC2006 Datasheet HTML 21Page - Texas Instruments TSC2006 Datasheet HTML 22Page - Texas Instruments TSC2006 Datasheet HTML 23Page - Texas Instruments TSC2006 Datasheet HTML 24Page - Texas Instruments TSC2006 Datasheet HTML 25Page - Texas Instruments TSC2006 Datasheet HTML 26Page - Texas Instruments TSC2006 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
www.ti.com
START A CONVERTER FUNCTION (CONTROL BYTE 1)
ControlByte1Write
CS
(
)
SS
SCLK
SDI
(MOSI)
D7
D3
D5
D4
D2
D6
D0
D1
MSB
LSB
1
1
6
5
4
3
2
8
7
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
Table 10. Internal Register Map
REGISTER ADDRESS
A3
A2
A1
A0
REGISTER CONTENT
READ/WRITE
0
0
0
0
X measurement result
R
0
0
0
1
Y measurement result
R
0
0
1
0
Z1 measurement result
R
0
0
1
1
Z2 measurement result
R
0
1
0
0
AUX measurement result
R
0
1
0
1
Temp1 measurement result
R
0
1
1
0
Temp2 measurement result
R
0
1
1
1
Status
R
1
0
0
0
AUX high threshold
R/W
1
0
0
1
AUX low threshold
R/W
1
0
1
0
Temp high threshold (apply to both TEMP1 and TEMP2)
R/W
1
0
1
1
Temp low threshold (apply to both TEMP1 and TEMP2)
R/W
1
1
0
0
CFR0
R/W
1
1
0
1
CFR1
R/W
1
1
1
0
CFR2
R/W
1
1
1
1
Converter function select status
R
R/W—Register read and write control. A '1' indicates the contents of the internal register addressed by A3-A0 are
sent to SDO at the next SPI interface clock cycle. A '0' indicates the data following Control Byte 0 on SDI are
written into registers addressed by A3-A0.
Control Byte 1 must begin with D7 = 1, as shown in Figure 31. Control Byte 1 starts the converter function that is
chosen by C3-C0, as shown in Table 7. After sending Control Byte 1, the master does not need to hold CS low,
and can release CS for operating other slave devices that share the same SCLK. After the converter function
completes or stops, the preprocessed data or data set are stored in data registers and can be read by sending
Control Byte 0 with Read Bit and a proper address in A3-A0. For the detailed operating procedures, see the
Operation section.
Figure 31. Interface Timing — Control Byte 1
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com