Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 25Page - Texas Instruments TSC2006 Datasheet HTML 26Page - Texas Instruments TSC2006 Datasheet HTML 27Page - Texas Instruments TSC2006 Datasheet HTML 28Page - Texas Instruments TSC2006 Datasheet HTML 29Page - Texas Instruments TSC2006 Datasheet HTML 30Page - Texas Instruments TSC2006 Datasheet HTML 31Page - Texas Instruments TSC2006 Datasheet HTML 32Page - Texas Instruments TSC2006 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.ti.com
Configuration Register 2
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
Configuration register 2 (CFR2) defines the preprocessor configuration.
Table 22. Configuration Register 2 (Reset Value = 0000h)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MAVE
MAVE
MAVE
MAVE
MAVE
PINTS1
PINTS0
M1
M0
W1
W0
TZ1
TZ0
AZ1
AZ0
Resrvd
X
Y
Z
AUX
TEMP
PINTS1 (default 0)—This bit controls the output format of the PINTDAV pin. When this bit is set to '0', the output
format is shown as the AND-form of internal signals of PENIRQ and DAV). When this bit is set to '1', PINTDAV
outputs PENIRQ only.
PINTS0 (default 0)—This bit selects what is output on the PINTDAV pin. If this bit set to '0', the output format of
PINTDAV depends on the selection made on the PINTS1 bit. If this bit set to '1', the internal signal of DAV is
output on PINTDAV.
Table 23. PINTSx Selection
PINTS1
PINTS0
PINTDAV PIN OUTPUT =
0
0
An AND combination of PENIRQ (active low) and DAV (active high).
0
1
Data available, DAV (active low).
1
0
An interrupt, PENIRQ (active low) generated by pen-touch.
1
1
Data available, DAV (active low).
M1, M0, W1, W0 (default 0000)—Preprocessing MAV filter control. Note that when the MAV filter is processing
data, the STS bit and the corresponding DAV bits in the status register indicate that the converter is busy until all
conversions necessary for the preprocessing are complete. The default state for these bits is 0000, which
bypasses the preprocessor. These bits are the same whether reading or writing.
TZ1 and TZ0, or AZ1 and AZ0 (default 00)—Zone detection bit definition (for TEMP or AUX measurements).
TZ1 and TZ0 are for the TEMP measurement. AZ1 and AZ0 are for the AUX measurement. The action taken in
zone detection is to store the processed data in the corresponding data registers and to update the
corresponding DAV bits in status register. If the processed data do not meet the selected criteria, these data are
ignored and the corresponding DAV bits are not updated. When zone detection is disabled, the processed data
are simply stored in the corresponding data registers and the corresponding DAV bits are updated without any
comparison of criteria. Note that the converted samples are always processed according to the setting of the
MAVE bits for AUX/TEMP before zone detection takes effect. See Table 30 for thresholds.
Table 24. Zone Detection Bit Definition
TZ1/AZ1
TZ0/AZ0
FUNCTION
0
0
Zone detection is disabled.
0
1
When the processed data are below low threshold
1
0
When the processed data are between low and high thresholds
1
1
When the processed data are above high threshold
MAVE (default is 00000)—MAV filter function enable bit. When the corresponding bit is set to '1', the MAV filter
setup is applied to the corresponding measurement.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com