Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 26Page - Texas Instruments TSC2006 Datasheet HTML 27Page - Texas Instruments TSC2006 Datasheet HTML 28Page - Texas Instruments TSC2006 Datasheet HTML 29Page - Texas Instruments TSC2006 Datasheet HTML 30Page - Texas Instruments TSC2006 Datasheet HTML 31Page - Texas Instruments TSC2006 Datasheet HTML 32Page - Texas Instruments TSC2006 Datasheet HTML 33Page - Texas Instruments TSC2006 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
www.ti.com
Converter Function Select Register
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
The Converter Function Select (CFN) register reflects the converter function select status.
Table 25. Converter Function Select Status Register (Reset Value = 0000h)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CFN15
CFN14
CFN13
CFN12
CFN11
CFN10
CFN9
CFN8
CFN7
CFN6
CFN5
CFN4
CFN3
CFN2
CFN1
CFN0
CFN15-CFN0—Converter function select status. These bits represent the converter function currently running,
which is set in bits C3-C0 of Control Byte 1. When the CFNx bit shows '1', where x is the decimal value of
converter function select bits C3-C0, it indicates that the converter function that is set in bits C3-C0 is running.
For example, when CFN2 shows '1', it indicates the converter function set in bits C3-C0 ('0010') is running. The
CFNx bits are reset to 0000h whenever the converter function is complete, stopped by STS bit, or reset (by the
hardware reset from the RESET pin or the software reset from SWRST bit in Control Byte 1). However, if the
TSC-initiated scan function mode is issued (by setting the PSM bit in the CFR0 register to '1'), the CFN0 or
CFN1 bit will not be reset when the corresponding converter function is complete because there is no pen touch.
This event allows the TSC2006 to immediately initiate the scan process (corresponding to CFN0 or CFN1 set to
'1') when the next pen touch is detected.
Table 26. STATUS Register (Reset Value = 0004h)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DAV
DAV
DAV
DAV
DAV
DAV
DAV
RESRVD
RESET
X
Y
RESRVD
Y
Due
Due
Due
Due
Due
Due
Due
PDST
ID1
ID0
(read '0')
Flag
CON
CON
(read '0')
SHR
X
Y
Z1
Z2
AUX
TEMP1
TEMP2
DAV Bits—Data available bits. These seven bits mirror the operation of the internal signals of DAV. When any
processed data are stored in data registers, the corresponding DAV bit is set to '1'. It stays at '1' until the
register(s) updated to the processed data have been read out by the host.
Table 27. DAV Function
DAV
DESCRIPTION
0
No new processed data are available.
1
Processed data are available. This bit stays at 1 until the host has read out all updated registers.
RESET Flag—See Table 28 for the interpretation of the RESET flag bits.
Table 28. RESET Flag Bits
RESET Flag
DESCRIPTION
0
Device was reset since last status poll (hardware or software reset).
1
Device has not been reset since last status poll.
X CON—This bit is '1' if the X axis of the touch screen panel is properly connected to the X drivers. This bit is the
connection test result.
Y CON—This bit is '1' if the Y axis of the touch screen panel is properly connected to the Y drivers. This bit is the
connection test result.
Y SHR—This bit is '1' if there is no short-circuit tested at the Y axis of the touch screen panel. This bit is the
short-circuit test result.
PDST—Power down status. This bit reflects the setting of the PND0 bit in Control Byte 0. When this bit shows '0',
it indicates A/D converter bias circuitry is still powered on after each conversion and before the next sampling;
otherwise, it indicates A/D converter bias circuitry is powered down after each conversion and before the next
sampling. However, it is powered down between conversion sets. Because this status bit is synchronized with
the internal clock, it does not reflect the setting of the PND0 bit until a pen touch is detected or a converter
function is running.
ID[1:0] Device ID bits: These bits represent the version ID of TSC2006. This version defaults to '00'.
30
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com