Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 35Page - Texas Instruments TSC2006 Datasheet HTML 36Page - Texas Instruments TSC2006 Datasheet HTML 37Page - Texas Instruments TSC2006 Datasheet HTML 38Page - Texas Instruments TSC2006 Datasheet HTML 39Page - Texas Instruments TSC2006 Datasheet HTML 40Page - Texas Instruments TSC2006 Datasheet HTML 41Page - Texas Instruments TSC2006 Datasheet HTML 42Page - Texas Instruments TSC2006 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
www.ti.com
t
COORDINATE
+
OH1
f
OSC
) tPVS)tPRE)tSNS)
OH
DLY1
f
OSC
) N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(11)
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
Programmedfor
Host-Controlled
Mode
(PSM=0)
CS
Deactivated
CS
Deactivated
CS
Deactivated
P ogra
r
mm d
for
X
ScanMode
e
Reading
X-Data
Register
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
Sample,Conversion,and
PreprocessingforXCoordinate
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
TouchisStillHere
t
COORDINATE
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
The time needed to convert any single coordinate (either X or Y) under host control (not including the time
needed to send the command over the SPI bus) is given by:
Figure 41. Example of a Single X Coordinate Touch Screen Scan
(with Panel Stabilization Time) using TSMode 3
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com