Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 9Page - Texas Instruments TSC2006 Datasheet HTML 10Page - Texas Instruments TSC2006 Datasheet HTML 11Page - Texas Instruments TSC2006 Datasheet HTML 12Page - Texas Instruments TSC2006 Datasheet HTML 13Page - Texas Instruments TSC2006 Datasheet HTML 14Page - Texas Instruments TSC2006 Datasheet HTML 15Page - Texas Instruments TSC2006 Datasheet HTML 16Page - Texas Instruments TSC2006 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
www.ti.com
X-Position
MeasureX-Position
MeasureZ -Position
1
Touch
X+
Y+
X
-
Y
-
Z -Position
1
Touch
X+
Y+
Y
-
X
-
MeasureZ -Position
2
Z -Position
2
Touch
X+
Y+
Y
-
X
-
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
Figure 25. Pressure Measurement
When the touch panel is pressed or touched and the drivers to the panel are turned on, the voltage across the
touch panel often overshoots and then slowly settles down (decays) to a stable dc value. This effect is a result of
mechanical bouncing caused by vibration of the top layer sheet of the touch panel when the panel is pressed.
This settling time must be accounted for, or else the converted value will be in error. Therefore, a delay must be
introduced between the time the driver for a particular measurement is turned on, and the time a measurement is
made.
In some applications, external capacitors may be required across the touch screen for filtering noise picked up by
the touch screen (for example, noise generated by the LCD panel or back-light circuitry). The value of these
capacitors provides a low-pass filter to reduce the noise, but will cause an additional settling time requirement
when the panel is touched.
The TSC2006 offers several solutions to this problem. A programmable delay time is available that sets the delay
between turning the drivers on and making a conversion. This delay is referred to as the panel voltage
stabilization time, and is used in some of the TSC2006 modes. In other modes, the TSC2006 can be
commanded to turn on the drivers only without performing a conversion. Time can then be allowed before the
command is issued to perform a conversion.
The TSC2006 touch screen interface can measure position (X,Y) and pressure (Z). Determination of these
coordinates is possible under three different modes of the A/D converter:
• TSMode1—conversion controlled by the TSC2006 initiated by TSC;
• TSMode2—conversion controlled by the TSC2006 initiated by the host responding to the PENIRQ signal; or
• TSMode3—conversion completely controlled by the host processor.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com