Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 12Page - Texas Instruments TSC2006 Datasheet HTML 13Page - Texas Instruments TSC2006 Datasheet HTML 14Page - Texas Instruments TSC2006 Datasheet HTML 15Page - Texas Instruments TSC2006 Datasheet HTML 16Page - Texas Instruments TSC2006 Datasheet HTML 17Page - Texas Instruments TSC2006 Datasheet HTML 18Page - Texas Instruments TSC2006 Datasheet HTML 19Page - Texas Instruments TSC2006 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
www.ti.com
Data Format
0V
FS=Full-ScaleVoltage=V
REF
(1)
1LSB=V
/4096
REF
(1)
FS
1LSB
-
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
InputVoltage
(V)
(2)
Reference
Variable Resolution
Conversion Clock and Conversion Time
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
The TSC2006 output data are in Straight Binary format as shown in Figure 28. This figure shows the ideal output
code for the given input voltage and does not include the effects of offset, gain, or noise.
(1)
Reference voltage at converter: +REF – (–REF). See Figure 27.
(2)
Input voltage at converter, after multiplexer: +IN – (–IN). See Figure 27.
Figure 28. Ideal Input Voltages and Output Codes
The TSC2006 uses an external voltage reference that applied to the VREF pin. It is possible to use VDD as the
reference voltage because the upper reference voltage range is the same as the supply voltage range, .
The TSC2006 provides either 10-bit or 12-bit resolution for the A/D converter. Lower resolution is often practical
for measuring slow changing signals such as touch pressure. Performing the conversions at lower resolution
reduces the amount of time it takes for the A/D converter to complete its conversion process, which also lowers
power consumption.
The TSC2006 contains an internal clock (oscillator) that drives the internal state machines that perform the many
functions of the part. This clock is divided down to provide a conversion clock for the A/D converter. The division
ratio for this clock is set in the A/D Converter Control register (see Table 15). The ability to change the
conversion clock rate allows the user to choose the optimal values for resolution, speed, and power dissipation. If
the 4MHz (oscillator) clock is used directly as the A/D converter clock (when CL[1:0] = (0,0)), the A/D converter
resolution is limited to 10-bits. Using higher resolutions at this speed does not result in more accurate
conversions. 12-bit resolution requires that CL[1:0] is set to (0,1) or (1,0).
Regardless of the conversion clock speed, the internal clock runs nominally at 3.9MHz at a 3V supply (SNSVDD)
and slows down to 3.7MHz at a 1.6V supply. The conversion time of the TSC2006 depends on several functions.
While the conversion clock speed plays an important role in the time it takes for a conversion to complete, a
certain number of internal clock cycles are needed for proper sampling of the signal. Moreover, additional times
(such as the panel voltage stabilization time), can add significantly to the time it takes to perform a conversion.
Conversion time can vary, depending on the mode in which the TSC2006 is used. Throughout this data sheet,
internal and conversion clock cycles are used to describe the amount of time that many functions take. These
times must be taken into account when considering the total system design.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com