Electronic Components Datasheet Search
  English  ▼

X  

TSC2006 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2006
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 36Page - Texas Instruments TSC2006 Datasheet HTML 37Page - Texas Instruments TSC2006 Datasheet HTML 38Page - Texas Instruments TSC2006 Datasheet HTML 39Page - Texas Instruments TSC2006 Datasheet HTML 40Page - Texas Instruments TSC2006 Datasheet HTML 41Page - Texas Instruments TSC2006 Datasheet HTML 42Page - Texas Instruments TSC2006 Datasheet HTML 43Page - Texas Instruments TSC2006 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.ti.com
AUXILIARY AND TEMPERATURE MEASUREMENT
t
COORDINATE
+
OH3
f
OSC
) N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(12)
CS
Deactivated
NoTouch
Detected
HostWriteto
ControlByte1D[6:3]
As DAV
WaitingforHostto
ReadAUXData
CS
Deactivated
Reading
AUX-Data
Register
Sample,Conversion,and
AveragingforAUXMeasurement
CS
Deactivated
P ogra
r
mm dfor
Non-Continuous
AUXMeasurement
e
t
COORDINATE
NoTouch
Detected
t
COORDINATE
+
OH3
f
OSC
) N @ (B)2) @
f
OSC
f
ADC
)OHCONV @
1
f
OSC
)
L
PPRO
f
OSC
(13)
CS
Deactivated
NoTouch
Detected
HosttoWriteto
ControlByte1D[6:3]
As DAV
CS
Deactivated
Reading
AUX-Data
Register
Sample,Conversion,
andAveragingfor
AUXMeasurement
CS
Deactivated
P ogra
r
mm dfor
Continuous
AUXMeasurement
e
CS
Deactivated
Reading
AUX-Data
Register
t
COORDINATE
t
COORDINATE
t
COORDINATE
Sample,Conversion,
andAveragingfor
AUXMeasurement
Sample,Conversion,
andAveragingfor
AUXMeasurement
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
The TSC2006 can measure the voltage from the auxiliary input (AUX) and from the internal temperature sensor.
Applications for the AUX can include external temperature sensing, ambient light monitoring for controlling
backlighting, or sensing the current drawn from batteries. There are two converter functions that can be used for
the measurement of the AUX:
1. Non-continuous AUX measurement shown in Figure 42 (converter function select bits C[3:0] = Control Byte 1
D[6:3] = 0101); or
2. Continuous AUX Measurement shown in Figure 43 (converter function select bits C[3:0] = Control Byte 1
D[6:3] = 1000).
See Table 7 for more information on the converter function select bits.
There are also two converter functions for the measurement of the internal temperature sensor:
1. TEMP1 measurement (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0110); or
2. TEMP2 measurement (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0111).
See Table 7 for more information on the converter function select bits.
For the detailed calculation of the internal temperature sensor, please see the Internal Temperature Sensor
section. These two converter functions have the same timing as the non-continuous AUX measurement
operation as shown in Figure 42; therefore, Equation 12 can also be used for internal temperature sensor
measurement. The time needed to make a non-continuous auxiliary measurement or an internal temperature
sensor measurement is given by:
Where:
OH3 = overhead time #3 = 3.5 internal clock cycles.
Figure 42. Non-Touch Screen, Non-Continuous AUX Measurement
The time needed to make continuous auxiliary measurement is given by:
Figure 43. Non-Touch Screen, Continuous AUX Measurement
40
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TSC2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com