Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
NXP Semiconductors
33879
Figure 17. Parallel input SPI control
5.3
SPI definition
A 16-bit command word is sent to the 33879 on each SPI communication and a 16-bit status word is received from the 33879. The MSB
is sent and received first. As Table 7 shows, the Command Register defines the position and operation the 33879 performs on the rising
edge of CS. The Fault Register, shown in Table 8, defines the previous state status of the output driver. Table 9 identifies the type of fault
and the method by which the fault is communicated to the microprocessor
0 = Bits 0 to 7, Output commanded OFF.
0 = Bits 8 to 15, Open Load Detection Current OFF.
1 = Bits 0 to 7, Output commanded ON.
1 = Bits 8 to 15 Open Load Detection Current ON.
0 = Bits 0 to 7, No Fault at Output.
1 = Bits 0 to 7, Output Short-to-Battery, Short-to-GND, Open Load, or TLIM.
Bits 8 to 15 will always return “0”.
Table 7. Command register definition
MSB
LSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ON/
OFF
Open
Load
Detect
8
ON/
OFF
Open
Load
Detect
7
ON/
OFF
Open
Load
Detect
6
ON/
OFF
Open
Load
Detect
5
ON/
OFF
Open
Load
Detect
4
ON/
OFF
Open
Load
Detect
3
ON/
OFF
Open
Load
Detect
2
ON/
OFF
Open
Load
Detect
1
ON/
OFF
OUT 8
ON/
OFF
OUT 7
ON/
OFF
OUT 6
ON/
OFF
OUT 5
ON/
OFF
OUT 4
ON/
OFF
OUT 3
ON/
OFF
OUT 2
ON/
OFF
OUT 1
Table 8. Fault register definition
MSB
LSB
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
0
0
OUT 8
Status
OUT 7
Status
OUT 6
Status
OUT 5
Status
OUT 4
Status
OUT 3
Status
OUT 2
Status
OUT 1
Status
DI
DI
DI
SCLK
SCLK
SCLK
DO
DO
DO
CS
CS
CS
Parallel
Ports
MOSI
MISO
SCLK
8 Outputs
8 Outputs
8 Outputs
MC68HCxx
Microcontroller
with
SPI Interface
A
B
C
33879
33879
33879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com