Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NXP Semiconductors
11
33879
4.4
Timing diagrams
Figure 4. SPI timing diagram
Figure 5. Valid data delay time and valid time test circuit
Figure 6. Valid data delay time and valid time waveforms
tDO(DIS)
0.7 VDD
0.2 VDD
0.2 VDD
0.7 VDD
0.2 VDD
tLEAD
tDO(EN)
tDI(SU) tDI(HOLD)
tVALID
tLAG
CS
SCLK
DI
DO
MSB in
MSB out
LSB out
0.7 VDD
0.2 VDD
DO
CL = 200 pF
VDD = 5.0 V
SCLK
33879
Under
Test
NOTE: CL represents the total capacitance of the test
fixture and probe.
(Low-to-High)
tF(DI
tR(DI)
0.2 VDD
0.7 VDD
0.2
0.7 VDD
tVALID
tR(DO
VOL
VOH
VOL
VOH
0.2 VDD
0.7 VDD
0 V
3.3/5.0 V
< 50 ns
50%
< 50 ns
DO
SCLK
(High-to-Low)
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com