Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
NXP Semiconductors
33879
5.1.7
VDD pin
The VDD input pin is used to determine logic levels on the microprocessor interface (SPI) pins. Current from VDD is used to drive the DO
output and the pull-up current for CS. VDD must be applied for normal mode operation. The 33879 device performs Power-ON Reset with
the application of VDD.
5.1.8
VPWR pin
The VPWR pin is the battery input and Power-ON Reset to the 33879 IC. The VPWR pin has internal reverse battery protection. All internal
logic current is provided from the VPWR pin. The 33879 performs Power-ON Reset with the application of VPWR.
5.1.9
D1–D8 pins
The D1 to D8 pins are the open-drain outputs of the 33879. For high-side drive configurations, the drain pins are connected to battery
supply. In low-side drive configurations, the drain pins are connected to the low-side of the load. All outputs may be configured individually
as desired. When configured as low-side drive, the 33879 limits the positive inductive transient to 45 V.
5.1.10 S1–S8 pins
The S1 to S8 pins are the source outputs of the 33879. The source pins are connected directly to the load for high-side drive
configurations. In low-side drive configurations, the source is connected to ground. All outputs may be configured individually as desired.
When high-side drive is used, the 33879 will limit the negative inductive transient to negative 20 V.
5.1.11 Exposed Pad pin
Device performs as specified with the Exposed Pad un-terminated (floating) however, it is recommended the Exposed Pad be terminated
to pin 1 (GND) and system ground.
5.2
MCU interface description
5.2.1
Introduction
The 33879 is an eight output hardware-configurable power switch with 16-bit serial control. A simplified internal block diagram of the 33879
is shown in Figure 2. The 33879 device uses high-efficiency up-drain power DMOS output transistors exhibiting low drain-to-source ON
resistance (RDS(on) = 0.75 Ω at 25 °C typical) and dense CMOS control logic. All outputs have independent voltage clamps to provide fast
inductive turn-off and transient protection.
In operation, the 33879 functions as an eight output serial switch, serving as an MCU bus expander and buffer with fault management
and fault reporting features. In doing so, the device directly relieves the MCU of the fault management functions. This device directly
interfaces to an MCU using a SPI for control and diagnostic readout. Figure 15 illustrates the basic SPI configuration between an MCU
and one 33879.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com