Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
NXP Semiconductors
33879
4
Electrical characteristics
4.1
Maximum ratings
Table 4. 33879 maximum ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage
to the device.
Symbol
Ratings
Value
Unit
Notes
Electrical ratings
VDD
VDD Supply Voltage
-0.3 to 7.0
VDC
(1)
–
CS
, DI, DO, SCLK, IN5, IN6, and EN
-0.3 to 7.0
VDC
(1)
VPWR
VPWR Supply Voltage
• 33879
• 33879A
-16 to 40
-16 to 45
VDC
(1)
ECLAMP
Output Clamp Energy
50
mJ
(2)
VESD1
VESD2
VESD1
VESD2
ESD Voltage
• Human Body Model 33879
• Machine Model 33879
• Human Body Model 33879A
• Machine Model 33879A
±450
±100
±2000
±200
V
(3)
Thermal ratings
TA
TJ
TC
Operating Temperature
• Ambient
• Junction
• Case
-40 to 125
-40 to 150
-40 to 125
°C
TSTG
Storage Temperature
-55 to 150
°C
PD
Power Dissipation
1.7
W
(4)
RθJA
RθJC
Thermal Resistance
• Junction to Ambient
• Between the Die and the Exposed Die Pad
71
1.2
°C/W
TPPRT
Peak Package Reflow Temperature During Reflow
Note 6
°C
(5), (6)
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
Maximum output clamp energy capability at 150
°C junction temperature using single non-repetitive pulse method with I = 350 mA.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in accordance
with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
4.
Maximum power dissipation at TA = 25 °C with no heatsink used.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause
malfunction or permanent damage to the device.
6.
NXP’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and
Moisture Sensitivity Levels (MSL), Go to www.NXP.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all
orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com