Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
NXP Semiconductors
33879
Figure 7. Enable and disable time waveforms
4.5
Typical electrical characteristics
Figure 8. IPWR vs. temperature
Figure 9. Sleep state IPWR vs. temperature
90%
tF(CS)
tR(CS)
VOH
VOL
0 V
3.3/5.0 V
DO
tDO(DIS)
tDO(EN)
tDO(DIS)
tDO(EN)
(Tri-State to Low)
0.7 VDD
0.2 VDD
<50 ns
<50 ns
CS
90%
DO
(Tri-State to High)
10%
10%
90%
10%
VTri-State
VTri-State
025
50
100
125
-40
75
-25
14
15
16
17
18
19
20
TA, Ambient Temperature (ℜ°C
VPWR @ 18 V
33879
33879A
0
25
50
100
125
-40
75
-25
1
2
3
4
5
6
7
TA, Ambient Temperature (ℜ°C
VPWR @ 13 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com