Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33879 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Document Number: MC33879
Rev. 11.0, 7/2016
NXP Semiconductors
Technical Data
© 2016 NXP B.V.
Configurable octal serial switch with
open load detect current disable
The 33879 device is an 8-output hardware configurable, high-side/low-side
switch with 16-bit serial input control using the serial peripheral interface (SPI).
Two of the outputs may be controlled directly via a microcontroller for pulse-
width modulation (PWM) applications. The 33879 incorporates SMARTMOS
technology, with CMOS logic, bipolar/MOS analog circuitry, and DMOS power
MOSFETs. The 33879 controls various inductive, incandescent, or LED loads by
directly interfacing with a microcontroller. The circuit’s innovative monitoring and
protection features include very low standby currents, cascade fault reporting,
internal +45 V clamp voltage for low-side configuration, -20 V high-side
configuration, output specific diagnostics, and independent overtemperature
protection.
Features
• Designed to operate 5.5 V < VPWR < 27.5 V
• 16-bit SPI for control and fault reporting, 3.3 V/5.0 V compatible
• Outputs are current limited (0.6 to 1.2 A) to drive incandescent lamps
• Output voltage clamp, +45 V (low-side) and -20 V (high-side) during
inductive switching
• On/Off control of open load detect current (LED application)
• Internal reverse battery protection on VPWR
• Loss of ground or supply will not energize loads or damage IC
• Maximum 5.0
μA IPWR standby current at 13 V VPWR
•RDS(ON) of 0.75 Ω at 25 °C typical
• Short-circuit detect and current limit with automatic retry
• Independent overtemperature protection
Figure 1. 33879 simplified application diagram
HIGH-SIDE/ LOW-SIDE SWITCH
EK SUFFIX (PB-FREE)
98ARL10543D
32-PIN SOICW
33879
33879A
Applications
• Solenoids
• Relays
• Actuators
• Stepper motors
• Brush DC motors
• Incandescent lamps
MCU
A0
MOSI
SCLK
CS
MISO
PWM1
PWM2
5.0 V
VPWR
33879
VDD
VPWR
EN
DI
SCLK
D0
IN5
IN6
GND
D1
D2
D3
D4
S1
S2
S3
S4
D5
D6
D7
D8
S5
S6
S7
S8
M
CS
VBAT
VBAT
VBAT
High-side Drive
Low-side Drive
H-Bridge Configuration


Similar Part No. - 33879

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879 Datasheet
654Kb / 25P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879 Datasheet
804Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879 Datasheet
645Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879A FREESCALE-33879A Datasheet
592Kb / 24P
Configurable Octal Serial Switch with Open Load Detect Current Disable
More results

Similar Description - 33879

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
MC33879 MOTOROLA-MC33879 Datasheet
408Kb / 20P
Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
Configurable Octal Serial Switch
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com