Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
NXP Semiconductors
33879
Power output (continued)
IOCO
Output OFF Open Load Detection Current, Low-side Configuration
VDRAIN = 16 V, VSOURCE = 0 V, Outputs Programmed OFF,
VPWR =16 V
• 33879
• 33879A
40
40
75
75
135
150
μA
VOC(LSD)
Output Clamp Voltage Low-side Drive
• ID = 10 mA
40
45
55
V
VOC(HSD)
Output Clamp Voltage High-side Drive
• IS = -10 mA
-15
-20
-25
V
IOUT(LKG)
Output Leakage Current High-side and Low-side Configurations
• VDD = 0 V, VDRAIN = 16 V, VSOURCE = 0 V
–
–
5.0
μA
IOUT(LKG)
Output Leakage Current Low-side Configuration
• VDD = 5.0 V, VDRAIN = 16 V, VSOURCE = 0 V, Open Load Detection
Current Disabled
–
–
5.0
μA
IOUT(LKG)
Output Leakage Current High-side Configuration
• VDD = 5.0 V, VDRAIN = 16 V, VSOURCE = 0 V, Open Load Detection
Current Disabled
–
–
20
μA
TLIM
Overtemperature Shutdown
155
–
185
°C
(8)
TLIM(HYS)
Overtemperature Shutdown Hysteresis
5.0
10
15
°C
(8)
Digital interface
VIH
Input Logic High-voltage Thresholds
0.7 VDD
–
VDD + 0.3
V
(9)
VIL
Input Logic Low-voltage Thresholds
GND - 0.3
–
0.2 VDD
V
(9)
IIN5, IIN6, IEN
IN5, IN6, EN Input Logic Current
• IN5, IN6, EN = 0 V
-10
–
10
μA
IIN5, IIN6,
IN5, IN6 Pull-down Current
• 0.8 to 5.0 V
30
45
100
μA
IEN
EN Pull-down Current, EN =
5.0 V
• 33879
• 33879A
20
20
45
45
100
110
μA
ISCK, IDI, ITRI-DO
SCLK, DI Input, Tri-state DO Output
• 0 to 5.0 V
-10
–
10
μA
ICS
CS Input Current
• CS = VDD
-10
–
10
μA
ICS
CS Pull-up Current
• CS = 0 V
-30
–
-100
μA
ICS(LKG)
CS Leakage Current to VDD
• CS = 5.0 V, VDD = 0 V
–
–
10
μA
VDOHIGH
DO High State Output Voltage
• IDO-HIGH = -1.6 mA
VDD - 0.4
–
VDD
V
Notes
8.
This parameter is guaranteed by design; however, it is not production tested.
9.
Upper and lower logic threshold voltage levels apply to DI, CS, SCLK, IN5, IN6, and EN.
Table 5. Static electrical characteristics (continued)
Characteristics noted under conditions 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40 °C ≤ TC ≤ 125 °C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 °C.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com