Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33879 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NXP Semiconductors
5
33879
21
D5
Output
Drain Output 5
Output 5 MOSFET drain pin.
22
D3
Output
Drain Output 3
Output 3 MOSFET drain pin.
23
S3
Output
Source Output 3
Output 3 MOSFET source pin.
26
D4
Output
Drain Output 4
Output 4 MOSFET drain pin.
27
S4
Output
Source Output 4
Output 4 MOSFET source pin.
28
D7
Output
Drain Output 7
Output 7 MOSFET drain pin.
29
S7
Output
Source Output 7
Output 7 MOSFET source pin.
31
VPWR
Input
Battery Input
Power supply pin to the 33879. VPWR has internal reverse battery protection.
32
DO
Output
Serial Data Output
SPI control data output pin from the 33879 to the MCU. DO=0 no fault, DO=1 specific
output has fault.
33
EP
Ground
Exposed Pad
Device performs as specified with the Exposed Pad un-terminated (floating) however,
it is recommended the exposed pad be terminated to pin 1 (GND) and system ground.
Table 3. 33879 pin definitions (continued)
Pin number
Pin name
Pin function
Formal name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com