Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33879 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
NXP Semiconductors
33879
3
Pin connections
3.1
Pinout diagram
Figure 3. 33879 pin connections
3.2
Pin definitions
A functional description of each pin can be found in 5.1, Functional pin description, page 15.
Table 3. 33879 pin definitions
Pin number
Pin name
Pin function
Formal name
Definition
1
GND
Ground
Ground
Digital ground.
2
VDD
Input
Logic Supply Voltage Logic supply for SPI interface. With VDD low the device is in Sleep mode.
3
S8
Output
Source Output 8
Output 8 MOSFET source pin.
4, 8, 9, 24,
25, 30
NC
No
Connection
Not Connected
No internal connection to this pin.
5
D8
Output
Drain Output 8
Output 8 MOSFET drain pin.
6
S2
Output
Source Output 2
Output 2 MOSFET source pin.
7
D2
Output
Drain Output 2
Output 2 MOSFET drain pin.
10
S1
Output
Source Output 1
Output 1 MOSFET source pin.
11
D1
Output
Drain Output 1
Output 1 MOSFET drain pin.
12
D6
Output
Drain Output 6
Output 6 MOSFET drain pin.
13
S6
Output
Source Output 6
Output 6 MOSFET source pin.
14
IN6
Input
Command Input 6
PWM direct control input pin for output 6. IN6 is “OR” with SPI bit.
15
EN
Input
Enable Input
IC Enable. Active high. With EN low, the device is in Sleep mode.
16
SCLK
Clock
SPI Clock
SPI control clock input pin.
17
DI
Input
Serial Data Input
SPI control data input pin from MCU to the 33879. Logic [1] activates output.
18
CS
Input
SPI Chip Select
SPI control chip select input pin from MCU to the 33879. Logic [0] allows data to be
transferred in.
19
IN5
Input
Command Input 5
PWM direct control input pin for output 5. IN5 is “OR” with SPI bit.
20
S5
Output
Source Output 5
Output 5 MOSFET source pin.
DO
1
D7
S4
D4
NC
NC
S3
D3
D5
S5
CS
DI
IN5
S7
VPWR
NC
GND
D8
S2
D2
NC
NC
S1
D1
D6
S6
EN
SCLK
IN6
NC
VDD
S8
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com