Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NXP Semiconductors
7
33879
4.2
Static electrical characteristics
Table 5. Static electrical characteristics
Characteristics noted under conditions 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40 °C ≤ TC ≤ 125 °C, unless otherwise noted. Where
applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25 °C.
Symbol
Characteristic
Min.
Typ.
Max.
Unit
Notes
Power input
VPWR(FO)
Supply Voltage Range
• Fully Operational 33879
• 33879A
5.5
5.5
–
–
26.5
27.5
V
IPWR(ON)
Supply Current
–
14
24
mA
IPWR(SS)
Sleep State Supply Current
• VDD or EN ≤ 0.8 V, VPWR = 13 V
–
2.0
5.0
μA
IVDD(SS)
Sleep State Supply Current
• EN
≤ 0.8 V, VDD = 5.5 V
–
2.0
5.0
μA
VPWR(OV)
VPWR Overvoltage Shutdown Threshold Voltage
• 33879
• 33879A
27
28
28.5
30
32
33
V
VPWR(OV-HYS)
VPWR Overvoltage Shutdown Hysteresis Voltage
0.2
1.5
2.5
V
VPWR(UV)
VPWR Undervoltage Shutdown Threshold Voltage
3.0
4.0
5.0
V
VPWR(UV-HYS)
VPWR Undervoltage Shutdown Hysteresis Voltage
300
500
700
mV
VDD
Logic Supply Voltage
3.1
–
5.5
V
IDD
Logic Supply Current
250
400
700
μA
VDD(SS)
Logic Supply Sleep State Threshold Voltage
0.8
2.5
3.0
V
Power output
RDS (on)
Drain-to-Source ON Resistance (IOUT = 0.350 A, VPWR = 13 V)
• TJ = 125°C
TJ = 25°C
TJ = -40°C
–
–
–
–
0.75
–
1.4
–
–
Ω
IOUT(LIM)
Output Self Limiting Current High-side and Low-side Configurations
0.6
–
1.2
A
VOUT(FLT-TH)
Output Fault Detection Voltage Threshold Outputs Programmed OFF
• 33879
• 33879A
2.5
2.5
4.0
4.0
4.5
5.0
V
(7)
IOUT(FLT-TH)
Output Fault Detection Current @ Threshold, High-side Configuration
Outputs Programmed OFF
• 33879
• 33879A
35
35
55
55
90
150
μA
IOUT(FLT-TH)
Output Fault Detection Current @ Threshold, Low-side Configuration
Outputs Programmed OFF
• 33879
• 33879A
20
20
30
30
60
115
μA
IOCO
Output OFF Open Load Detection Current, High-side Configuration
• VDRAIN = 16 V, VSOURCE = 0 V, Outputs Programmed OFF,
VPWR = 16 V
33879
33879A
65
60
100
100
160
190
μA
Notes
7.
Output fault detection thresholds with outputs programmed OFF. Output fault detect thresholds are the same for output open and shorts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com