Electronic Components Datasheet Search
  English  ▼

X  

33879 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable octal serial switch with open load detect current disable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
NXP Semiconductors
15
33879
5
Functional description
5.1
Functional pin description
5.1.1
CS pin
The system MCU selects the 33879 with which to communicate through the use of the chip select CS pin. Logic low on CS enables the
data output (DO) driver and allows data to be transferred from the MCU to the 33879 and vice versa. Data clocked into the 33879 is acted
upon on the rising edge of CS. To avoid any spurious data, it is essential the high-to-low transition of the CS signal occur only when the
SPI clock (SCLK) is in a logic low state.
5.1.2
SCLK pin
The SCLK pin clocks the internal shift registers of the 33879. The serial data input (DI) pin is latched into the input shift register on the
falling edge of the SCLK. The serial data output (DO) pin shifts data out of the shift register on the rising edge of the SCLK signal. False
clocking of the shift register must be avoided to ensure validity of data. It is essential the SCLK pin be in a logic low state when the CS pin
makes any transition. For this reason, it is recommended the SCLK pin is commanded to a logic low state when the device is not accessed
(CS in logic high state). With CS in a logic high state, signals present on SCLK and DI are ignored and the DO output is in tri-state.
5.1.3
DI pin
The DI pin is used for serial instruction data input. DI information is latched into the input register on the falling edge of SCLK. A logic high
state present on DI programs a specific output on. The specific output turns on with the rising edge of the CS signal. Conversely, a logic
low state present on the DI pin programs the output off. The specific output turns off with the rising edge of the CS signal. To program the
eight outputs and open load detection current on or off, send the DI data beginning with the open load detection current bits, followed by
output eight, output seven, and so on to output one. For each falling edge of the SCLK while CS is logic low, a data bit instruction (on or
off) is loaded into the shift register per the data bit DI state. Sixteen bits of entered information is required to fill the input shift register.
5.1.4
DO pin
The DO pin is the output from the shift register. The DO pin remains tri-state until the CS pin is in a logic low state. All faults on the 33879
device are reported as logic [1] through the DO data pin. Regardless of the configuration of the driver, open loads and shorted loads are
reported as logic [1]. Conversely, normal operating outputs with non-faulted loads are reported as logic [0]. Outputs programmed with
open load detection current disabled report logic [0] in the off state. The first eight positive transitions of SCLK report logic [0] followed by
the status of the eight output drivers. The DI/DO shifting of data follows a first-in, first-out protocol with both input and output words
transferring the most significant bit (MSB) first.
5.1.5
EN pin
The EN pin on the 33879 enables the device. With the EN pin high, output drivers may be activated and open/short fault detection
performed and reported. With the EN pin low, all outputs become inactive, open load detection current is disabled, and the device enters
Sleep mode. The 33879 performs Power-ON Reset on the rising edge of the enable signal.
5.1.6
IN5 and IN6 pins
The IN5 and IN6 command inputs allow outputs five and six to be used in PWM applications. The IN5 and IN6 pins are OR-ed with the
serial peripheral interface (SPI) command input bits. For SPI control of outputs five and six, the IN5 and IN6 pins should be grounded or
held low by the microprocessor. When using IN5 or IN6 to PWM the output, the control SPI bit must be logic [0]. Maximum PWM frequency
for each output is 2.0 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com