Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
34704
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Table 6. Regulator Analysis Table
REG1
REG2
REG3
REG4
REG5
REG6
REG7
REG8
Vin (V)
3.60
3.60
3.60
3.60
3.60
3.60
3.60
3.60
Vout (V)
5.00
3.30
1.20
1.80
3.30
15
-7
15
Iout_typ (A)
0.100
0.200
0.150
0.100
0.150
0.050
0.050
0.015
Iout_max (A)
0.500
0.500
0.550
0.300
0.500
0.060
0.060
0.030
DCR(m
)
230
230
230
310
230
230
230
230
Cout (
F)
22
22
22
22
22
22
22
22
ESR (m

9.00
9.00
9.00
9.00
9.00
9.00
9.00
9.00
Fsw (kHz)
1500
1500
1500
1500
1500
1000
1000
1000
Lout (
H)
1.50
1.50
1.50
1.50
1.50
4.70
4.70
4.70
Iin_typ (A)
0.154
0.201
0.063
0.059
0.150
0.254
0.107
0.077
Iin_max (A)
0.540
0.502
0.209
0.178
0.501
0.304
0.128
0.154
ILout_peak (A)
0.724
0.510
0.649
0.444
0.512
0.444
0.443
0.297
ICout_RMS (A)
0.212
0.005
0.074
0.076
0.0006
0.071
0.129
0.043
Pout (W)
0.500
0.660
0.180
0.180
0.495
0.750
0.350
0.225
Ploss On Chip (W)
0.042
0.047
0.038
0.028
0.034
0.135
0.000
0.045
Ploss Total (W)
0.044
0.049
0.041
0.030
0.035
0.145
0.027
0.047
Pin (W)
0.544
0.709
0.221
0.210
0.530
0.895
0.377
0.272
n (%)
91.90%
93.12%
81.48%
85.91%
93.33%
60.00%
69.00%
64.00%
Table 7. 34704A overall system efficiency 84%
Overall System
Pout (W)
3.340
Ploss On Chip (W)
0.369
Ploss Total (W)
0.41
Pin (W)
3.75
n (%)
84.00%
Table 8. 34704B overall system efficiency 89%
Overall System
Pout (W)
1.74
Ploss On Chip (W)
0.192
Ploss Total (W)
0.202
Pin (W)
1.942
n (%)
89.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com