Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Switching frequency for REG6, 7 & 8
FSW2 can be selected to be between 250 kHz and 1.0 MHz
in 250 kHz steps. On the 34704B, FSW2 is just for REG8
since REG6 and 7 do not exist in this device.
34704 assigns 2 bits to program FSW2 (FSW2 [1:0])
Shutdown Hold (Delay) Time
The 34704 assigns 2 bits (SDDELAY[1:0]) for the
processor to program the shutdown delay time period
Please refer to the /ONOFF pin description for more
details
Programming 34704 response to undervoltage/
overvoltage conditions on each regulator
There are two responses that can be programmed for an
overvoltage/undervoltage condition:
Response A: When an overvoltage (undervoltage) event is
detected, the concerned output shuts down and a register is
flagged to alert the processor.
Response B: When an overvoltage/undervoltage event is
detected, the concerned output will not shutdown, but the
register is flagged to alert the processor. Then, the processor
can decide whether to shutdown the output or not. In the
mean time, the concerned output control loop will be
attempting to correct the error.
See Output Overvoltage/Undervoltage Monitoring on page
30 for more details.
Response A and Response B share the same flag bit
34704 assigns 1 bit for this function (OVUVSETx) where x
corresponds to each regulator.
Dynamic Voltage Scaling for each regulator
The customer can adjust each regulator’s output
dynamically with 2.5% step size. The total range of
adjustability will vary depending on each regulator to
accommodate different operating environments. Some
regulators will utilize the full range of -20.00% to +17.50%
and some regulators will only use the range of
10.00%. For
details, see each regulator’s section. Each 2.5% step takes
50
s before moving to the next step. REG8 only performs
DVS when in voltage regulation mode.
During DVS, the Overvoltage and Undervoltage
monitoring will not be active. In addition to that, these faults
will be masked and not active for a DVS settling time period
equal to 1ms. This DVS settling time will start after the
DVSSTAT register is flagged indicating that the DVS cycle is
done. This is to ensure that during DVS and soft start alike
the output will not be tripped due to a momentary overvoltage
or undervoltage fault. This is the same for Response A and
Response B of the overvoltage/undervoltage fault
monitoring.
34704 assigns 4 bits register to program the Dynamic
Voltage Scaling for each regulator (DVSSETx[3:0]) where x
corresponds to each regulator.
2
0
1
REG5 ramps up first
Then REG6 and REG7 ramp up together
REG5, REG6 and REG7 ramp down together
3
1
0
REG5, REG6, and REG7 ramp up together
REG5, REG6, and REG7 ramp down together
4
1
1
REG5 and REG6 ramp up together first.
Then ramp up REG7
REG7 ramps down first.
Then REG5 and REG6 ramp down together
OPTION
MSB
LSB
GRPC/E ENABLED
GRPC/E DISABLED
FSW2
MSB
LSB
500kHz (Default)
0
0
250kHz
0
1
750kHz
1
0
1000kHz
1
1
Shutdown Delay
MSB
LSB
1.0sec (Default)
0
0
0.5sec
0
1
1.5sec
1
0
2.0sec
1
1
OV/UV Response
bit
A (Default)
0
B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com