Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 40Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 41Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Analog Integrated Circuit Device Data
44
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
The passive components associated to these frequencies are calculated with the following formulas
On the 34704 VRAMP is half of 1.2 V since each operation mode spends only half the ramp.
Regulator 3 (Synchronous Buck - internally
compensated)
• L: A buck power stage can be designed to operate in CCM
for load currents above a certain level usually 5 to 15% of
full load. The minimum value of inductor to maintain CCM
can be determined by using the following procedure:
1. Define IOB as the minimum current to maintain CCM
between 10 to 15% of full load.
• COUT: The three elements of output capacitor that
contribute to its impedance and output voltage ripple are
the ESR, the ESL and the capacitance C. A good
approach to calculate the minimum real capacitance
needed is to include the transient response analysis to
control the maximum overshoot as desired.
• First calculate the dt_I (inductor current rising time)
given by:
Where the parameter
IO
_step is the maximum current
step during the current rising time and is define as:
• Then the output capacitor can be chosen as follow:
Where
VO
max is the maximum allowed transient
overshoot expressed as a percentage of the output voltage,
typically from 3 to 5% of Vo.
• Finally find the maximum allowed ESR to allow the
desired transient response:
NOTE: do not use the parameters
VO
R and VOmax
indistinctly, the first one indicates the output voltage rip-
ple, while the second one is the maximum output volt-
age overshoot (transient response).
• R1 and RB: These two resistors help to set the output
voltage to the desire value using a VREF=0.6 V, select R1
between 10 k and 100 K and then calculate RB as follows:
Regulator 8 (Synchronous Boost - internally
compensated -Voltage or current feedback)
REG8 is a Synchronous Boost converter set to 15V with a
maximum current of 30 mA and can be used with voltage
C1
Vinmin
VRAMP
------------------
1
D
min
2
----------------



1
2
 F
POR1

-----------------------------


=
C2
1
2
 F
Z2R1

----------------------------


=
R2
1
2
 F
Z1C1

----------------------------


=
R3
1
2
 F
P1C2

----------------------------


=
C3
1
2
 F
P2R2

----------------------------


=
Lmin
Vo Iomax
+
RDSONLSFET RL
+
 D
min
T
2IOB
-----------------------------------------------------------------------------------------------------------
Lmin DT
Vo
2IOB
------------
[H]
dtI
IomaxT
Iostep
--------------------
=
[s]
Iostep
Dmax
Fsw
-------------

 Vinmin Vo
–
L
-------------------------------


=
[A]
COUT
IomaxdtI
Vomax
----------------------
[F]
ESRmax
Vo
r Fsw
 L

Vo 1 Dmin
–

-------------------------------------
=
[
]
RB
R1
Vo
Vref
------------ 1
–
---------------------
=
[
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com