Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 39Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 40Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 41Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
Compensating for boost operation:
• L: A boost power stage can be designed to operate in
CCM for load currents above a certain level usually 5 to
15% of full load. The minimum value of inductor to
maintain CCM can be determined by using the following
procedure:
1. Define IOB as the minimum current to maintain CCM
between 10 to 15% of full load:
However the worst case condition for the boost power
stage is when the input voltage is equal to one half of the
output voltage, which results in the Maximum
I
L, then:
• COUT: The three elements of output capacitor that
contribute to its impedance and output voltage ripple are
the ESR, the ESL and the capacitance C. The minimum
capacitor value is approximately:
•Where
VO
r is the desired output voltage ripple.
• Now calculate the maximum allowed ESR to reach the
desired
VO
r:
• R1 and RB:
These two resistors help to set the output voltage to the
desire value using a Vref=0.6V, select R1 between 10k and
100K and then calculate RB as follows:
• Compensation network. (C1,C2,C3, R2, R3)
For compensating a boost converter, 4 important
frequencies referring to the plant are:
1. Output LC filter cutoff frequency (FLC):
•Where D’min is the minimum off time percentage given
by:
2. Cutoff frequency due to capacitor ESR:
3. The right plane zero frequency:
4. Crossover frequency (or bandwidth): select this
frequency as far away form the RHPZ as much as
possible:
The Type 3 external compensation network will be in
charge of canceling some of these poles and zeros to
achieve stability in the system. The following poles and
zeroes frequencies are provided by the type 3 compensation:
Lmin
Vo D
 1D
–

2T
2IOB
------------------------------------------
[H]
Lmin
Vo T

16IOB
----------------
[H]
COUT
IomaxDmax
Fsw
Vo
r
----------------------------
[F]
ESR
Vo
r
Iomax
1Dmax
–
---------------------- I
OB
+


-------------------------------------------
[
]
RB
R1
Vo
VREF
------------- 1
–
-----------------------
=
[
]
FLC
D
min
LCOUT
2
--------------------------
=
[Hz]
D
min
Vinmin
Voutmax
----------------------
=
FESR
1
2
 C
OUT
ESR
--------------------------------------
=
[Hz]
RHPZ
D
min

2R
LOAD
2
L
----------------------------------------
=
[Hz]
FBW
RHPZ
6
---------------
«
[Hz]
FPO
FBW
=FZ1
0.9FLC
=F22
1.1FLC
=
FP1
FESR
=F2P
FSW
2
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com