Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
34704
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 34704 is an multi-channel power management IC
(PMIC) meant to address power management needs for
various multimedia applications microprocessors in various
configurations with a target overall efficiency of > 80% at
typical loads.
The 34704 accepts an input voltage from various sources:
1 cell Li-Ion/Polymer (2.7 to 4.2 V)
5.0 V USB supply or AC wall adapter
The different channels are:
REG1, REG3, REG6, and REG8 use internal
compensation, while REG2, REG4, REG5, and REG7 use
external compensation.
The switching frequency of all regulators except REG6, 7,
& 8 can be selected through the FREQ pin between 750 kHz
and 2.0 MHz in 250 kHz steps. The high frequency operation
is meant to minimize the size of external components while
lower operating frequencies will allow for higher efficiency.
REG7 is limited to operate at a lower frequency to minimize
switching noise induced by driving the external switching
MOSFET, but also can operate at the 1.0 MHz value with
proper board layout. REG 6, 7, and 8 switching frequency can
be selected between 250 kHz and 1.0 MHz in 250 kHz steps
through I2C.
For all regulators and at lower loads, a pulse skipping
mode is implemented to maintain high efficiency.
Note that pulse skipping occurs when the regulator enters
into discontinuous conduction mode (DCM) at very light
loads, however transitions between DCM and CCM may
result in noisy switching nodes, therefore it is recommended
to design the regulators to work in CCM all the time. Pulse
skipping function is not guaranteed by circuit implementation.
The 34704 uses 4 different phases of switching for all
regulators except REG6, 7, and 8, to spread out the current
draw by the individual converters from the input supply over
time, to reduce the peak input current demand. This allows
for better EMI performance and reduction in the input filter
requirements.
Each regulator except REG1 uses an external feedback
resistor divider to set the output voltage. All output voltages
can be adjusted dynamically (Dynamic Voltage Scaling) on
the fly through an I²C serial interface. All converters, except
REG1, utilize automatic soft-start by ramping the reference
voltage to the error amplifier to prevent sudden change in
duty cycle and output current/voltage at power up. REG1
(VG) will limit the inrush current by implementing a peak
current detect and a constant off time.
The 34704 is equipped with a dual function Power On/Off
pin (ONOFF). This pin can be controlled by a mechanical
switch to turn the device on or off. Pressing and releasing the
mechanical switch turns the 34704 on while pressing and
holding the switch for a time period (programmable through
I2C) turns the 34704 off. Enable/disable control is also
granted through I2C for groups of regulators and the whole
IC.
REGULATOR
REGULATOR TYPE
VOUT TYP (V)
IOUT TYP (MA)
IOUT MAX (MA)
TARGET APPLICATION
REG1(25)
Synchronous Boost
5.0
100
500
+5.0 V REF
REG2
Synchronous Buck-Boost
2.8 / 3.3
200
500
µP I/O
REG3
Synchronous Buck
1.2 / 1.5 / 1.8
150
550
µP Core
REG4
Synchronous Buck-Boost
1.8 / 2.5
100
300
DDR
REG5
Synchronous Buck-Boost
3.3
150
500
µP I/O
REG6(25)
Synchronous Boost
15.0
20
60
REF+
REG7(25)
Inverter Boost
-7.0
20
60
REF -
REG8
Synchronous Boost
15.0
15
30
Backlight Display
Notes
24.
Synchronous Buck-Boost: These regulators can work as pure BUCK regulator when the output voltage is lower than the input voltage;
and work as pure BOOST regulator when the input voltage is lower than the output voltage. Compensation should be done for the worst
case scenario, which is in most of the cases when the device is working as a boost converter, after compensating for this scenario it is
recommended to verify the buck operation to assure stability in the whole operating range.
25.
Available only on the 34704A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com