Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34704
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 2.7 V
 VIN  5.5 V, -20C  TA  85 C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
I2C COMMUNICATION
Device Physical Address (7 bit Address)
-
$54
-
Maximum I2C Speed
-
-
400
kHz
FREQ
Selectable Switching Frequency 1
fSW1
750
-
2000
kHz
Selectable Switching Frequency 2
fSW2
250
-
1000
kHz
Selectable Switching Frequency Step Size
fSTEP
-
250
-
kHz
Switching Frequency Accuracy
-10
-
10
%
Retry Timeout Period(23)
tTIMEOUT
-
10
-
ms
CURRENT LIMIT MONITORING
Overcurrent Limit Timer(23)
tLIMIT
-
10
-
ms
Retry Timeout Period(23)
tRETRY
-
10
-
ms
OUTPUT OVERVOLTAGE/UNDERVOLTAGE MONITORING
Undervoltage Threshold (Response A)
VUV-R
-
-20
-
%
Overvoltage Threshold (Response A)
VOV-R
-
20
-
%
Undervoltage Threshold (Response B)
VUV-R
-
-20
-
%
Overvoltage Threshold (Response B)
VOV-R
-
20
-
%
Filter Delay Timer(23)
tFILTER
-
20
-
s
RST
RST Reset Delay(23)
tRST-DELAY
-
10
ms
REGULATOR 1 & VG
Operating Frequency(22), (23)
fSW1
750
-
1500
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
Constant Time Off Value(23)
tOFF
-
1.0
-
s
Low-side Timeout(23)
tTIMEOUT
-
15
-
s
REGULATOR 2
Operating Frequency(23)
fSW1
750
-
2000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
Notes
22.
When REG1 is used, the maximum fSW1 Frequency programed with external components should be 1500 kHz
23.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com