Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 36Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
34704
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
ACCURATE I2C COMMUNICATION MODE
The 34704 assigns 1 bit to enable the Accurate I2C
communication mode (ACCURATE). Setting this bit enables
the Accurate mode in which each command and data should
be sent 2 times to avoid false commands.
USER ACCESSIBLE FLAG REGISTERS
Cold Start Flag
The 34704 assigns 1 bit (COLDF) to flag the processor
that the power up was a result of battery insertion and not
through ONOFF pin. This flag should be cleared after power
up by the processor.
Shutdown Flag
The 34704 assigns 1 bit (SHUTDOWN) to flag the
processor if a shutdown signal is received through the
ONOFF pin and a programmable time period with a default of
1sec has elapsed.
Dynamic Voltage Scaling Status Flag
In addition and for each regulator, 34704 assigns 1 bit
(DVSSTATx) to flag to the processor that the desired output
voltage level set with the DVSSETx bits has been reached.
USER ACCESSIBLE FAULT REGISTERS
Overcurrent Fault Register
The 34704 assigns 1 bit for each regulator (ILIMFx) to
indicate a fault due to overcurrent limit, where x corresponds
to each regulator from REG1 to REG8, except REG7
Short-circuit Fault Register
The 34704 assigns 1 bit for each regulator (SCFx) to
indicate a fault due to short-circuit current limit, where x
corresponds to each regulator from REG1 to REG8, except
REG7
Overvoltage Fault Register
The 34704 assigns 1 bit for each regulator (OVFx) to
indicate a fault due to overvoltage limit, where x corresponds
to each regulator from REG1 to REG8
Undervoltage Fault Register
The 34704 assigns 1 bit for each regulator (UVFx) to
indicate a fault due to undervoltage limit, where x
corresponds to each regulator from REG1 to REG8.
Thermal Shutdown Fault Register
LED Current
MSB
LSB
IMAX * (1/16)
0
0
0
0
IMAX * (2/16)
0
0
0
1
IMAX * (3/16)
0
0
1
0
IMAX * (4/16)
0
0
1
1
IMAX * (5/16)
0
1
0
0
IMAX * (6/16)
0
1
0
1
IMAX * (7/16)
0
1
1
0
IMAX * (8/16)
0
1
1
1
IMAX * (9/16)
1
0
0
0
IMAX * (10/16)
1
0
0
1
IMAX * (11/16)
1
0
1
0
IMAX * (12/16)
1
0
1
1
IMAX * (13/16)
1
1
0
0
IMAX * (14/16)
1
1
0
1
IMAX * (15/16)
1
1
1
0
IMAX (Default)
1
1
1
1
Cold Start Flag
bit
/ONOFF (Default)
0
Battery Insertion
1
/ONOFF Status
bit
Normal (Default)
0
Shutdown
1
DVS STATUS
bit
DVS Not Done
0
DVS Done
1
ILIMF
bit
False
0
True
1
SCF
bit
False
0
True
1
OVF
bit
False
0
True
1
UVF
bit
False
0
True
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com