Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34704
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions 2.7 V
 VIN  5.5 V, -20C  TA  85 C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Input Supply Voltage Typical Range
VIN
2.7
-
5.5
V
Input DC Supply Current(9)
VIN Pin Only
All regulators are ON, no load; VIN = 3.6 V, FSW =1.0 MHz
Regulators 1 - 5 On, Reg 6, 7 and 8 Off; VIN = 3.6 V, FSW = 1.0 MHz
IIN
-
-
-
-
86
32
-
-
-
mA
Input DC Shutdown Supply Current(9)
(Shutdown, All regulators are OFF and VIN = 5.5V)
This includes any pin connected to the battery
IOFF
-
-
5.0
A
Rising UVLO Threshold
UVLOR
-
-
3.0
V
Falling UVLO Threshold
UVLOF
-
-
2.7
V
RST
RST Low Level Output Voltage
IOL = 1.0 mA
VRST-OL
-
-
0.4
V
RST Leakage Current, Off-state @ 25°C
IRST-LKG
-
-
1.0
A
Current Limit Monitoring
Over and Short-circuit Current Limit Accuracy
-
-20
-
20
%
REGULATOR 1 & VG
VG Output Voltage
VVG
-
5.0
-
V
REG1 Output Voltage(10)
VOUT
-
5.0
-
V
Output Accuracy
-
-4.0
-
4.0
%
Line/Load Regulation(9)
REGLN/LD
-1.0
-
1.0
%
Dynamic Voltage Scaling Range
VDYN
-10
-
10
%
Dynamic Voltage Scaling Step Size
VDYN_STEP
-
2.5
-
%
Continuous Output Current(9)
IOUT
-
100
500
mA
Overcurrent Limit (Detected in Low-side FET)
ILIM_ION
-
2.7
-
A
Short-circuit Current Limit (Detected in the Blocking FET)
ISHORT_ION
-
4.0
-
A
Overcurrent Limit Accuracy
-
-20
-
20
%
N-CH Switch Power MOSFET RDS(on)
RDS(on)-SW
-
100
-
m
N-CH Synch. Power MOSFET RDS(on)
RDS(on)-SY
-
150
-
m
N-CH Shutdown Power MOSFET RDS(on)
RDS(on)-SH
-
100
-
m
Discharge MOSFET RDS(ON)
RDS(on)-DIS
-
70
-
Thermal Shutdown Threshold(9)
TSD
-
170
-
°C
Thermal Shutdown Hysteresis(9)
TSD-HYS
-
25
-
°C
SW1 Leakage Current (Off State) @ 25°C
ISW1_LKG
-
-
1.0
A
Peak Current Detection Threshold at Power Up(9)
IPEAK
-
300
-
mA
Notes:
9.
Guaranteed by Design
10.
Available only on the 34704A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com