Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
34704
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
processor decision to either shutoff or not, in the mean time
the control loop will try to fix itself.
To avoid erroneous conditions, a 20 μs filter will be
implemented.
The OV/UV fault flag is masked during DVS until
DVSSTAT flag is asserted “Done”.
To keep the RST output low during ramp up and until the
soft start is done, the OV/UV protection is masked from
reporting that the output is in regulation.
LOGIC COMMANDS AND REGISTERS
I2C USER INTERFACE
The 34704 communicates via I2C using a default device
address $54 to access all user registers and program all
regulators features independently. Physical address is in a 7-
bit format. The extra bit to complete the 8-bit indicates the
reading or writing mode as shown in Figure 7 and Figure 8.
After each byte read or sent, the MC34704 answers with an
Acknowledge bit, indicating the bite was transferred
successfully.
Figure 7. Writing sequence I2C bit stream
Figure 8. Reading sequence I2C bit stream
USER PROGRAMMABLE REGISTERS
GrpC/E power sequencing setting (34704A Only)
The microprocessor can choose one of several voltage
sequence options for the GrpC/E supply (REG5), high
voltage supply (REG6), and negative voltage supply (REG7).
For 3 of the sequencing options, REG5 supply is controlled
and tied with REG6 and REG7 in a preset power sequence.
By default, only REG6 and REG7 are involved in the power
sequence and REG5 is independently controlled with GrpE.
34704A assigns 2 bits to program the GrpC/E power
sequencing options (CCDSEQ[1:0]). These bits value is
latched in at GrpC power up and will not be allowed to change
unless a power recycle happens.
0
ACK
0XXXXXXX
Sub-Address
(MSB=0)
0
XXXXXXXX
0
1010100 + 0
ACK
Data
ACK
7 bit Physical Address +
(w) bit
0
ACK
0XXXXXXX
Sub-Address
(MSB=0)
0
XXXXXXXX
0
1010100 + 0
ACK
Data
ACK
7 bit Physical Address +
(w) bit
Start Bit
End Bit
1 0 1 0 1
0 0 0
0 0 0 0 0 0 1 0
0 0 0 0 1 1 1 1
ACK
ACK
ACK
 
RS
1
7 bit Physical ADD +
(w) bit
Sub-address
(MSB=1)
ACK
ACK
ACK
ACK
Physical
ADD + (r) bit
Data Read
1010100 + 0
1XXXXXXX
1010100 + 1
0
0
0
1
XXXXXXX
1 0 1 0 1 0 0
1 0 0 0 0 0 0
1 0 1 0 1 0 0
0 0 0 1 1 1 1 1
Start Bit
ACK
ACK
ACK
ACK End Bit
RS
OPTION
MSB
LSB
GRPC/E ENABLED
GRPC/E DISABLED
1
(Default)
0
0
REG5 is independently controlled
REG6 and REG7 ramp up together.
REG5 is independently controlled
REG6 and REG7 ramp down together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com