Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 37Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 38Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 39Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 40Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 41Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 42Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 43Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 44Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
34704
FUNCTIONAL DEVICE OPERATION
COMPONENT CALCULATION
1. First calculate the dt_I (inductor current rising time)
given by:
Where the parameter
Io_step is the maximum current
step during the current rising time and is define as:
2. Then the output capacitor can be chosen as follow:
•Where
VO
max is the maximum allowed transient
overshoot expressed as a percentage of the output
voltage, typically from 3 to 5% of Vo.
3. Finally find the maximum allowed ESR to allow the
desired transient response:
NOTE: Do not use the parameters
VO
r and VOmax
indistinctly, the first one indicates the output voltage ripple,
while the second one is the maximum output voltage
overshoot (transient response).
• R1 and RB: These two resistors help to set the output
voltage to the desire value using a Vref=0.6 V, select R1
between 10 k and 100 K and then calculate RB as follows:
• Compensation network. (C1,C2,C3, R2, R3): For
compensating a buck converter, 3 important frequencies
referring to the plant are:
1. Output LC filter cutoff frequency (FLC):
2. Cutoff frequency due to capacitor ESR:
3. Crossover frequency (or bandwidth):
The Type 3 external compensation network will be in
charge of canceling some of these poles and zeros to
achieve stability in the system. The following poles and
zeroes frequencies are provided by the type 3 compensation.
dtI
IomaxT
Iostep
--------------------
=
[s]
Iostep
Dmax
Fsw
-------------

 Vinmin Vo
–
L
-------------------------------


=
[A]
COUT
IomaxdtI
Vo
max
----------------------
[A]
ESRmax
Vo
r Fsw
 L

Vo 1 Dmin
–

--------------------------------------
=
[
]
RB
R1
Vo
Vref
------------ 1
–
---------------------
=
[
]
FLC
1
LCOUT
2
--------------------------
=
[Hz]
FESR
1
2
 C
OUT
ESR
--------------------------------------
=
[Hz]
FBW
FSW
10
----------
=
[Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com