Electronic Components Datasheet Search
  English  ▼

X  

34704 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34704
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
REGULATOR 3
Operating Frequency
fSW1
750
-
2000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
REGULATOR 4
Operating Frequency
fSW1
750
-
2000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
REGULATOR 5
Operating Frequency
fSW1
750
-
2000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
REGULATOR 6
Operating Frequency
fSW2
250
-
1000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
REGULATOR 7
Operating Frequency Selections
fSW2
250
-
1000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
REGULATOR 8
Operating Frequency
fSW2
250
-
1000
kHz
Operating Frequency Selection Step Size
fSTEP
-
250
-
kHz
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 2.7 V
 VIN  5.5 V, -20C  TA  85 C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com