Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 50.000 Hz
10k
STOP 50 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
R2 = 1.225 x
R1
VIN(min) + (5 x 10
-6 x R1) ± 1.225
§
¨
©
LM5576Q0
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
www.ti.com
R1, R2, C12
A voltage divider can be connected to the SD pin to set a minimum operating voltage Vin(min) for the regulator. If
this feature is required, the easiest approach to select the divider resistor values is to select a value for R1
(between 10k
Ω and 100kΩ recommended) then calculate R2 from:
(14)
Capacitor C12 provides filtering for the divider. The voltage at the SD pin should never exceed 8V, when using
an external set-point divider it may be necessary to clamp the SD pin at high input voltage conditions. The
reference design utilizes the full range of the LM5576Q0 (6V to 75V); therefore these components can be
omitted. With the SD pin open circuit the LM5576Q0 responds once the Vcc UVLO threshold is satisfied.
R7, C11
A snubber network across the power diode reduces ringing and spikes at the switching node. Excessive ringing
and spikes can cause erratic operation and couple spikes and noise to the output. Voltage spikes beyond the
rating of the LM5576Q0 or the re-circulating diode can damage these devices. Selecting the values for the
snubber is best accomplished through empirical methods. First, make sure the lead lengths for the snubber
connections are very short. For the current levels typical for the LM5576Q0 a resistor value between 5 and 20
Ohms is adequate. Increasing the value of the snubber capacitor results in more damping but higher losses.
Select a minimum value of C11 that provides adequate damping of the SW pin waveform at high load.
R4, C5, C6
These components configure the error amplifier gain characteristics to accomplish a stable overall loop gain. One
advantage of current mode control is the ability to close the loop with only two feedback components, R4 and C5.
The overall loop gain is the product of the modulator gain and the error amplifier gain. The DC modulator gain of
the LM5576Q0 is as follows:
DC Gain(MOD) = Gm(MOD) x RLOAD = 2 x RLOAD
(15)
The dominant low frequency pole of the modulator is determined by the load resistance (RLOAD,) and output
capacitance (COUT). The corner frequency of this pole is:
fp(MOD) = 1 / (2π RLOAD COUT)
(16)
For RLOAD = 5Ω and COUT = 177µF then fp(MOD) = 180Hz
DC Gain(MOD) = 2 x 5 = 10 = 20dB
For the design example of Figure 9 the following modulator gain vs. frequency characteristic was measured as
shown in Figure 17.
Figure 17. Gain and Phase of Modulator
RLOAD = 5 Ohms and COUT = 177µF
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com