Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments LM5576 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
33P
LM5576
VIN
SW
BST
IS
FB
COMP
GND
SS
VCC
RAMP
10V - 60V
0.022
0.47
330p
OUT
0.01
D1
0.1
0.022
49.9k
10k
1.4k
CSHD6-100
4.4
SD
RT
21k
1k
7.15k
170
-10V
LM5576Q0
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
www.ti.com
The junction-to-ambient thermal resistance of the LM5576Q0 will vary with the application. The most significant
variables are the area of copper in the PC board, the number of vias under the IC exposed pad and the amount
of forced air cooling provided. Referring to the evaluation board artwork, the area under the LM5576Q0
(component side) is covered with copper and there are 5 connection vias to the solder side ground plane.
Additional vias under the IC will have diminishing value as more vias are added. The integrity of the solder
connection from the IC exposed pad to the PC board is critical. Excessive voids will greatly diminish the thermal
dissipation capacity. The junction-to-ambient thermal resistance of the LM5576Q0 mounted in the evaluation
board varies from 45°C/W with no airflow to 25°C/W with 900 LFM (Linear Feet per Minute). With a 25°C
ambient temperature and no airflow, the predicted junction temperature for the LM5576Q0 will be 25 + (45 x 2.5)
= 137.5°C. If the evaluation board is operated at 3A output current and 70V input voltage for a prolonged period
of time the thermal shutdown protection within the IC will activate. The IC will turn off allowing the junction to
cool, followed by restart with the soft-start capacitor reset to zero.
One or more of the following modifications will prevent the thermal shutdown from being activated: apply forced
air cooling, reduce the maximum input voltage, lower the maximum output current, reduce the operating
frequency, add more heat sinking to the PC board. For example, applying forced air cooling of 225 LFM will
reduce the LM5576Q0 thermal resistance to approximately 30°C/W. The junction temperature will be reduced to
25 + (2.5 x 30) = 100°C. If the maximum input voltage for the application is 48V, then the IC power dissipation
reduces to 2W (at 3A output current). With the same forced air cooling the junction temperature reduces to 25 +
(2 x 30) = 85°C.
Typical Schematic for Buck/Boost (Inverting) Application
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com