Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 9Page - Texas Instruments LM5576 Datasheet HTML 10Page - Texas Instruments LM5576 Datasheet HTML 11Page - Texas Instruments LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
RT =
[(1 / 300 x 10
3) ± 580 x 10-9]
135 x 10
-12
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
In the event a fault is detected (over-temperature, Vcc UVLO, SD) the soft-start capacitor will be discharged.
When the fault condition is no longer present a new soft-start sequence will commence.
BOOST PIN
The LM5576Q0 integrates an N-Channel buck switch and associated floating high voltage level shift / gate driver.
This gate driver circuit works in conjunction with an internal diode and an external bootstrap capacitor. A 0.022µF
ceramic capacitor, connected with short traces between the BST pin and SW pin, is recommended. During the
off-time of the buck switch, the SW pin voltage is approximately -0.5V and the bootstrap capacitor is charged
from Vcc through the internal bootstrap diode. When operating with a high PWM duty cycle, the buck switch will
be forced off each cycle for 500ns to ensure that the bootstrap capacitor is recharged.
Under very light load conditions or when the output voltage is pre-charged, the SW voltage will not remain low
during the off-time of the buck switch. If the inductor current falls to zero and the SW pin rises, the bootstrap
capacitor will not receive sufficient voltage to operate the buck switch gate driver. For these applications, the
PRE pin can be connected to the SW pin to pre-charge the bootstrap capacitor. The internal pre-charge
MOSFET and diode connected between the PRE pin and PGND turns on each cycle for 265ns just prior to the
onset of a new switching cycle. If the SW pin is at a normal negative voltage level (continuous conduction mode),
then no current will flow through the pre-charge MOSFET/diode.
THERMAL PROTECTION
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When activated, typically at 180°C, the controller is forced into a low power reset state,
disabling the output driver and the bias regulator. This feature is provided to prevent catastrophic failures from
accidental device overheating.
APPLICATION INFORMATION
EXTERNAL COMPONENTS
The procedure for calculating the external components is illustrated with the following design example. The
circuit shown in Figure 9 is configured for the following specifications:
•
VOUT = 5V
•
VIN = 7V to 75V
•
Fs = 300kHz
•
Minimum load current (for CCM) = 250mA
•
Maximum load current = 3A
R3 (RT)
RT sets the oscillator switching frequency. Generally, higher frequency applications are smaller but have higher
losses. Operation at 300kHz was selected for this example as a reasonable compromise for both small size and
high efficiency. The value of RT for 300kHz switching frequency can be calculated as follows:
(7)
The nearest standard value of 21k
Ω was chosen for RT.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com