Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 1 Page - Texas Instruments

  LM5576 Datasheet HTML 1Page - Texas Instruments LM5576 Datasheet HTML 2Page - Texas Instruments LM5576 Datasheet HTML 3Page - Texas Instruments LM5576 Datasheet HTML 4Page - Texas Instruments LM5576 Datasheet HTML 5Page - Texas Instruments LM5576 Datasheet HTML 6Page - Texas Instruments LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5576
VIN
VOUT
SYNC
SD
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
Check for Samples: LM5576Q0
1
FEATURES
DESCRIPTION
The
LM5576Q0
is
an
easy
to
use
SIMPLE
2
•
LM5576Q0 is an Automotive Grade Product
SWITCHER buck regulator which allows design
that is AEC-Q100 Grade 0 Qualified
engineers to design and optimize a robust power
•
-40°C to 150°C Operating Junction
supply
using
a
minimum
set
of
components.
Temperature
Operating with an input voltage range of 6 - 75V, the
LM5576Q0 delivers 3A of continuous output current
•
Integrated 75V, 170m
Ω N-Channel MOSFET
with an integrated 170m
Ω N-Channel MOSFET. The
•
Ultra-Wide Input Voltage Range from 6V to 75V
regulator
utilizes
an
Emulated
Current
Mode
•
Adjustable Output Voltage as Low as 1.225V
architecture which provides inherent line regulation,
•
1.65% Feedback Reference Accuracy
tight load transient response, and ease of loop
compensation without the usual limitation of low-duty
•
Operating Frequency Adjustable Between
cycles associated with current mode regulators. The
50kHz and 500kHz with Single Resistor
operating frequency is adjustable from 50kHz to
•
Master or Slave Frequency Synchronization
500kHz to allow optimization of size and efficiency.
•
Adjustable Soft-Start
To reduce EMI, a frequency synchronization pin
allows multiple IC’s from the LM(2)557x family to self-
•
Emulated Current Mode Control Architecture
synchronize or to synchronize to an external clock.
•
Wide Bandwidth Error Amplifier
The LM5576Q0 ensures robustness with cycle-by-
•
Built-In Protection
cycle current limit, short-circuit protection, thermal
shut-down, and remote shut-down. The device is
available in a power enhanced TSSOP-20 package
APPLICATIONS
featuring an exposed die attach pad for thermal
•
Automotive
dissipation. The LM5576Q0 is supported by the full
•
Industrial
suite of WEBENCH® On-Line design tools.
PACKAGE
•
TSSOP-20EP (Exposed Pad)
SIMPLIFIED APPLICATION SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5576 NSC-LM5576 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1Mb / 30P
Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
LM5576 TI-LM5576 Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
More results

Similar Description - LM5576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575MH TI-LM5575MH Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_17 Datasheet
1Mb / 30P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com