Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 50.000 Hz
10k
STOP 50 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
REF LEVEL
0.000 dB
0.0 deg
100
1k
START 50.000 Hz
10k
STOP 50 000.000 Hz
/DIV
10.000 dB
45.000 deg
0
GAIN
PHASE
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
Components R4 and C5 configure the error amplifier as a type II configuration which has a pole at DC and a
zero at fZ = 1 / (2πR4C5). The error amplifier zero cancels the modulator pole leaving a single pole response at
the crossover frequency of the loop gain. A single pole response at the crossover frequency yields a very stable
loop with 90 degrees of phase margin.
For the design example, a target loop bandwidth (crossover frequency) of 20kHz was selected. The
compensation network zero (fZ) should be selected at least an order of magnitude less than the target crossover
frequency. This constrains the product of R4 and C5 for a desired compensation network zero 1 / (2
π R4 C5) to
be less than 2kHz. Increasing R4, while proportionally decreasing C5, increases the error amp gain. Conversely,
decreasing R4 while proportionally increasing C5, decreases the error amp gain. For the design example C5 was
selected for 0.01µF and R4 was selected for 49.9k
Ω. These values configure the compensation network zero at
320Hz. The error amp gain at frequencies greater than fZ is: R4 / R5, which is approximately 10 (20dB).
Figure 18. Error Amplifier Gain and Phase
The overall loop can be predicted as the sum (in dB) of the modulator gain and the error amp gain.
Figure 19. Overall Loop Gain and Phase
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com