Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 10Page - Texas Instruments LM5576 Datasheet HTML 11Page - Texas Instruments LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
'VOUT = 'IL x
1
8 x FS x COUT
§
¨
©
ESR +
L1 =
5V x (75V ± 5V)
0.5A x 300 kHz x 75V
= 31 PH
L1 =
VOUT x (VIN(max) ± VOUT)
IRIPPLE x FS x VIN(max)
IPK+
0 mA
IPK-
IO
IRIPPLE
1/Fs
LM5576Q0
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
www.ti.com
L1
The inductor value is determined based on the operating frequency, load current, ripple current, and the
minimum and maximum input voltage (VIN(min), VIN(max)).
Figure 16. Inductor Current Waveform
To keep the circuit in continuous conduction mode (CCM), the maximum ripple current IRIPPLE should be less
than twice the minimum load current, or 0.5Ap-p. Using this value of ripple current, the value of inductor (L1) is
calculated using the following:
(8)
(9)
This procedure provides a guide to select the value of L1. The nearest standard value (33µH) will be used. L1
must be rated for the peak current (IPK+) to prevent saturation. During normal loading conditions, the peak current
occurs at maximum load current plus maximum ripple. During an overload condition the peak current is limited to
4.2A nominal (5.1A maximum). The selected inductor has a conservative 6.2 Amp saturation current rating. For
this manufacturer, the saturation rating is defined as the current necessary for the inductance to reduce by 30%,
at 20°C.
C3 (CRAMP)
With the inductor value selected, the value of C3 (CRAMP) necessary for the emulation ramp circuit is:
CRAMP = L x 10
-5
where
•
L is in Henrys.
(10)
With L1 selected for 33µH, the recommended value for C3 is 330pF.
C9, C10
The output capacitors, C9 and C10, smooth the inductor ripple current and provide a source of charge for
transient loading conditions. For this design a 22µF ceramic capacitor and a 150µF SP organic capacitor were
selected. The ceramic capacitor provides ultra low ESR to reduce the output ripple voltage and noise spikes,
while the SP capacitor provides a large bulk capacitance in a small volume for transient loading conditions. An
approximation for the output ripple voltage is:
(11)
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com