Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments LM5576 Datasheet HTML 10Page - Texas Instruments LM5576 Datasheet HTML 11Page - Texas Instruments LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments LM5576 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Sample and
Hold DC Level
0.5V/A
RAMP
TON
tON
CRAMP
(5P x (VIN ± VOUT) + 25P) x
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
Figure 14. Composition of Current Sense Signal
The sample & hold DC level illustrated in Figure 14 is derived from a measurement of the re-circulating Schottky
diode anode current. The re-circulating diode anode should be connected to the IS pin. The diode current flows
through an internal current sense resistor between the IS and PGND pins. The voltage level across the sense
resistor is sampled and held just prior to the onset of the next conduction interval of the buck switch. The diode
current sensing and sample & hold provide the DC level of the reconstructed current signal. The positive slope
inductor current ramp is emulated by an external capacitor connected from the RAMP pin to AGND and an
internal voltage controlled current source. The ramp current source that emulates the inductor current is a
function of the Vin and Vout voltages per the following equation:
IRAMP = (5µ x (Vin – Vout)) + 25µA
(2)
Proper selection of the RAMP capacitor depends upon the selected value of the output inductor. The value of
CRAMP can be selected from:
CRAMP = L x 10
-5
where
•
L is the value of the output inductor in Henrys.
(3)
With this value, the scale factor of the emulated current ramp will be approximately equal to the scale factor of
the DC level sample and hold (0.5 V / A). The CRAMP capacitor should be located very close to the device and
connected directly to the pins of the IC (RAMP and AGND).
For duty cycles greater than 50%, peak current mode control circuits are subject to sub-harmonic oscillation.
Sub-harmonic oscillation is normally characterized by observing alternating wide and narrow pulses at the switch
node. Adding a fixed slope voltage ramp (slope compensation) to the current sense signal prevents this
oscillation. The 25µA of offset current provided from the emulated current source adds some fixed slope to the
ramp signal. In some high output voltage, high duty cycle applications, additional slope may be required. In these
applications, a pull-up resistor may be added between the VCC and RAMP pins to increase the ramp slope
compensation.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com