Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 6Page - Texas Instruments LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments LM5576 Datasheet HTML 10Page - Texas Instruments LM5576 Datasheet HTML 11Page - Texas Instruments LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments LM5576 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SYNC
10k
S
R
Q
Q
DEADTIME
ONE-SHOT
5V
2.5V
I = f(RT)
LM5576Q0
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
www.ti.com
Multiple LM5576Q0 devices can be synchronized together simply by connecting the SYNC pins together. In this
configuration all of the devices will be synchronized to the highest frequency device. The diagram in Figure 13
illustrates the SYNC input/output features of the LM5576Q0. The internal oscillator circuit drives the SYNC pin
with a strong pull-down / weak pull-up inverter. When the SYNC pin is pulled low either by the internal oscillator
or an external clock, the ramp cycle of the oscillator is terminated and a new oscillator cycle begins. Thus, if the
SYNC pins of several LM5576Q0 IC’s are connected together, the IC with the highest internal clock frequency
will pull the connected SYNC pins low first and terminate the oscillator ramp cycles of the other IC’s. The
LM5576Q0 with the highest programmed clock frequency will serve as the master and control the switching
frequency of the all the devices with lower oscillator frequency.
Figure 13. Simplified Oscillator Block Diagram and SYNC I/O Circuit
ERROR AMPLIFIER AND PWM COMPARATOR
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network, as illustrated in Figure 9. This network creates a pole at DC, a zero and a noise reducing high
frequency pole. The PWM comparator compares the emulated current sense signal from the RAMP generator to
the error amplifier output voltage at the COMP pin.
RAMP GENERATOR
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the output inductor current.
Using this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and
provides inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current
signal for PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked.
Also, the current measurement may introduce significant propagation delays. The filtering, blanking time and
propagation delay limit the minimum achievable pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulsewidths and duty cycles is necessary for
regulation. The LM5576Q0 utilizes a unique ramp generator, which does not actually measure the buck switch
current but rather reconstructs the signal. Reconstructing or emulating the inductor current provides a ramp
signal to the PWM comparator that is free of leading edge spikes and measurement or filtering delays. The
current reconstruction is comprised of two elements; a sample & hold DC level and an emulated current ramp.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com