Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 5Page - Texas Instruments LM5576 Datasheet HTML 6Page - Texas Instruments LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments LM5576 Datasheet HTML 10Page - Texas Instruments LM5576 Datasheet HTML 11Page - Texas Instruments LM5576 Datasheet HTML 12Page - Texas Instruments LM5576 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
SYNC
LM5576
UP TO 5 TOTAL
DEVICES
LM5576
SYNC
SYNC
AGND
LM5576
SW
CLK
SYNC
SW
500 ns
RT =
- 580 x 10
-9
135 x 10
-12
F
1
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
Shutdown / Standby
The LM5576Q0 contains a dual level Shutdown (SD) circuit. When the SD pin voltage is below 0.7V, the
regulator is in a low current shutdown mode. When the SD pin voltage is greater than 0.7V but less than 1.225V,
the regulator is in standby mode. In standby mode the Vcc regulator is active but the output switch is disabled.
When the SD pin voltage exceeds 1.225V, the output switch is enabled and normal operation begins. An internal
5µA pull-up current source configures the regulator to be fully operational if the SD pin is left open.
An external set-point voltage divider from VIN to GND can be used to set the operational input range of the
regulator. The divider must be designed such that the voltage at the SD pin will be greater than 1.225V when Vin
is in the desired operating range. The internal 5µA pull-up current source must be included in calculations of the
external set-point divider. Hysteresis of 0.1V is included for both the shutdown and standby thresholds. The SD
pin is internally clamped with a 1k
Ω resistor and an 8V zener clamp. The voltage at the SD pin should never
exceed 14V. If the voltage at the SD pin exceeds 8V, the bias current will increase at a rate of 1 mA/V.
The SD pin can also be used to implement various remote enable / disable functions. Pulling the SD pin below
the 0.7V threshold totally disables the controller. If the SD pin voltage is above 1.225V the regulator will be
operational.
Oscillator and Sync Capability
The LM5576Q0 oscillator frequency is set by a single external resistor connected between the RT pin and the
AGND pin. The RT resistor should be located very close to the device and connected directly to the pins of the IC
(RT and AGND).To set a desired oscillator frequency (F), the necessary value for the RT resistor can be
calculated from the following equation:
(1)
The SYNC pin can be used to synchronize the internal oscillator to an external clock. The external clock must be
of higher frequency than the free-running frequency set by the RT resistor. A clock circuit with an open drain
output is the recommended interface from the external clock to the SYNC pin. The clock pulse duration should
be greater than 15ns.
Figure 11. Sync from External Clock
Figure 12. Sync from Multiple Devices
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com