Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 5 Page - Texas Instruments

  LM5576 Datasheet HTML 1Page - Texas Instruments LM5576 Datasheet HTML 2Page - Texas Instruments LM5576 Datasheet HTML 3Page - Texas Instruments LM5576 Datasheet HTML 4Page - Texas Instruments LM5576 Datasheet HTML 5Page - Texas Instruments LM5576 Datasheet HTML 6Page - Texas Instruments LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, RT = 32.4kΩ unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ERROR AMPLIFIER
Feedback Voltage
Vfb = COMP
1.205
1.225
1.245
V
FB Bias Current
17
nA
DC Gain
70
dB
COMP Sink / Source Current
2.5
mA
Unity Gain Bandwidth
3
MHz
DIODE SENSE RESISTANCE
DSENSE
42
m
Ω
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Threshold
180
°C
Thermal Shutdown Hysteresis
25
°C
THERMAL RESISTANCE
θJC
Junction to Case
6
°C/W
θJA
Junction to Ambient
40
°C/W
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com