Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 15Page - Texas Instruments LM5576 Datasheet HTML 16Page - Texas Instruments LM5576 Datasheet HTML 17Page - Texas Instruments LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
BST
SW
VCC
IS
GND
LM5576
COUT
D1
L1
D2
VOUT
LM5576Q0
www.ti.com
SNOSB24B – OCTOBER 2008 – REVISED APRIL 2013
Figure 21. VCC Bias with Additional Winding on the Output Inductor
PCB Layout and Thermal Considerations
The circuit in Figure 9 serves as both a block diagram of the LM5576Q0 and a typical application board
schematic for the LM5576Q0. In a buck regulator there are two loops where currents are switched very fast. The
first loop starts from the input capacitors, to the regulator VIN pin, to the regulator SW pin, to the inductor then
out to the load. The second loop starts from the output capacitor ground, to the regulator PGND pins, to the
regulator IS pins, to the diode anode, to the inductor and then out to the load. Minimizing the loop area of these
two loops reduces the stray inductance and minimizes noise and possible erratic operation. A ground plane in
the PC board is recommended as a means to connect the input filter capacitors to the output filter capacitors and
the PGND pins of the regulator. Connect all of the low power ground connections (CSS, RT, CRAMP) directly to the
regulator AGND pin. Connect the AGND and PGND pins together through the topside copper area covering the
entire underside of the device. Place several vias in this underside copper area to the ground plane.
The two highest power dissipating components are the re-circulating diode and the LM5576Q0 regulator IC. The
easiest method to determine the power dissipated within the LM5576Q0 is to measure the total conversion
losses (Pin – Pout) then subtract the power losses in the Schottky diode, output inductor and snubber resistor.
An approximation for the Schottky diode loss is
P = (1-D) x Iout x Vfwd.
(18)
An approximation for the output inductor power is
P = IOUT
2 x R x 1.1
where
•
R is the DC resistance of the inductor, and
•
The 1.1 factor is an approximation for the AC losses.
(19)
If a snubber is used, an approximation for the damping resistor power dissipation is P = Vin2 x Fsw x Csnub,
where Fsw is the switching frequency and Csnub is the snubber capacitor. The regulator has an exposed thermal
pad to aid power dissipation. Adding several vias under the device to the ground plane will greatly reduce the
regulator junction temperature. Selecting a diode with an exposed pad will aid the power dissipation of the diode.
The most significant variables that affect the power dissipated by the LM5576Q0 are the output current, input
voltage and operating frequency. The power dissipated while operating near the maximum output current and
maximum input volatge can be appreciable. The operating frequency of the LM5576Q0 evaluation board has
been designed for 300kHz. When operating at 3A output current with a 70V input the power dissipation of the
LM5576Q0 regulator is approximately 2.5W.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5576Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com