Electronic Components Datasheet Search
  English  ▼

X  

LM5576 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5576
Description  LM5576Q0 SIMPLE SWITCHER® 75V, 3A Step-Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5576 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5576 Datasheet HTML 18Page - Texas Instruments LM5576 Datasheet HTML 19Page - Texas Instruments LM5576 Datasheet HTML 20Page - Texas Instruments LM5576 Datasheet HTML 21Page - Texas Instruments LM5576 Datasheet HTML 22Page - Texas Instruments LM5576 Datasheet HTML 23Page - Texas Instruments LM5576 Datasheet HTML 24Page - Texas Instruments LM5576 Datasheet HTML 25Page - Texas Instruments LM5576 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM5576Q0MH/NOPB
Active
Production
HTSSOP (PWP) | 20
73 | TUBE
Yes
SN
Level-1-260C-UNLIM
-
LM5576
Q0MH
LM5576Q0MH/NOPB.A
Active
Production
HTSSOP (PWP) | 20
73 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LM5576
Q0MH
LM5576Q0MH/NOPB.B
Active
Production
HTSSOP (PWP) | 20
73 | TUBE
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LM5576
Q0MH
LM5576Q0MHX/NOPB
Active
Production
HTSSOP (PWP) | 20
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-
LM5576
Q0MH
LM5576Q0MHX/NOPB.A
Active
Production
HTSSOP (PWP) | 20
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LM5576
Q0MH
LM5576Q0MHX/NOPB.B
Active
Production
HTSSOP (PWP) | 20
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
LM5576
Q0MH
LM5576QMH/NOPB
Active
Production
HTSSOP (PWP) | 20
73 | TUBE
Yes
Call TI | Sn
Level-1-260C-UNLIM
-40 to 125
LM5576
QMH
LM5576QMH/NOPB.A
Active
Production
HTSSOP (PWP) | 20
73 | TUBE
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
LM5576
QMH
LM5576QMH/NOPB.B
Active
Production
HTSSOP (PWP) | 20
73 | TUBE
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
LM5576
QMH
LM5576QMHX/NOPB
Active
Production
HTSSOP (PWP) | 20
2500 | LARGE T&R
Yes
Call TI | Sn
Level-1-260C-UNLIM
-40 to 125
LM5576
QMH
LM5576QMHX/NOPB.A
Active
Production
HTSSOP (PWP) | 20
2500 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
LM5576
QMH
LM5576QMHX/NOPB.B
Active
Production
HTSSOP (PWP) | 20
2500 | LARGE T&R
Yes
Call TI
Level-1-260C-UNLIM
-40 to 125
LM5576
QMH
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com