Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 24Page - Texas Instruments TMP401 Datasheet HTML 25Page - Texas Instruments TMP401 Datasheet HTML 26Page - Texas Instruments TMP401 Datasheet HTML 27Page - Texas Instruments TMP401 Datasheet HTML 28Page - Texas Instruments TMP401 Datasheet HTML 29Page - Texas Instruments TMP401 Datasheet HTML 30Page - Texas Instruments TMP401 Datasheet HTML 31Page - Texas Instruments TMP401 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
0.1 F
m
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
10 kW
(typ)
TMP401
D+
D-
V+
1
8
7
6
4
5
3
2
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
ALERT/THERM2
THERM
+5 V
SMBus
Controller
Fan Controller
Diode-connected configuration :
(1)
Series Resistance
Transistor-connected configuration :
(1)
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP401 is a remote temperature sensor monitor that includes a built-in local temperature sensor. The
remote temperature sensor diode-connected transistors are typically low-cost, NPN- or PNP-type transistors or
diodes that are an integral part of microcontrollers, microprocessors, or FPGAs.
Remote accuracy is ±1°C for multiple device manufacturers, with no calibration required. The two-wire serial
interface accepts SMBus write, read, send, and receive byte commands to program alarm thresholds and to read
temperature data.
Features included in the TMP401 are series resistance cancellation, wide remote temperature measurement
range (–40°C to +150°C), diode fault detection, and temperature alert functions.
8.2 Typical Application
(1) The diode-connected configuration provides better settling time. The transistor-connected configuration provides better series resistance
cancellation. A 2N3906 PNP is used in this configuration.
(2) In most applications, RS is < 1.5 kΩ.
(3) In most applications, CDIFF is < 1000 pF.
Figure 24. Remote Noise Filtering
8.2.1 Design Requirements
The TMP401 device requires pull-up resistors on the SCL, SDA, ALERT/THERM2, and THERM pins. The
recommended value for the pull-up resistors is 10-k
Ω. A 0.1-μF bypass capacitor on the supply is recommended,
as shown in Figure 24. The SCL and SDA lines can be pulled up to a supply that is equal to or higher than V+
through the pull-up resistors, but not to exceed (V+) + 0.5 V.
28
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com