Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 26Page - Texas Instruments TMP401 Datasheet HTML 27Page - Texas Instruments TMP401 Datasheet HTML 28Page - Texas Instruments TMP401 Datasheet HTML 29Page - Texas Instruments TMP401 Datasheet HTML 30Page - Texas Instruments TMP401 Datasheet HTML 31Page - Texas Instruments TMP401 Datasheet HTML 32Page - Texas Instruments TMP401 Datasheet HTML 33Page - Texas Instruments TMP401 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
3
2
1
0
-1
-2
-3
Capacitance (nF)
0
0.5
1
1.5
2
2.5
3
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
Typical Application (continued)
8.2.3.2 Differential Input Capacitance
The TMP401 tolerates differential input capacitance of up to 1000 pF with minimal change in temperature error.
The effect of capacitance on sensed remote temperature error is illustrated in Figure 27.
Figure 27. Remote Temperature Error vs Differential Capacitance
9 Power-Supply Recommendations
The TMP401 device operates with power supply in the range of 3.0 V to 5.5 V. The device is optimized for
operation at a 5-V supply but can measure temperature accurately in the full supply range. Refer to the TELOCAL
and TEREMOTE versus supply parameter in the Electrical Characteristics table for more information about the
power supply affect on the accuracy of the device.
A power-supply bypass capacitor is required for proper operation. Place this capacitor as close as possible to the
supply and ground pins of the device. A typical value for this supply bypass capacitor is 0.1
μF. Applications with
noisy or high-impedance power supplies may require additional decoupling capacitors to reject power-supply
noise.
30
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com