Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 29Page - Texas Instruments TMP401 Datasheet HTML 30Page - Texas Instruments TMP401 Datasheet HTML 31Page - Texas Instruments TMP401 Datasheet HTML 32Page - Texas Instruments TMP401 Datasheet HTML 33Page - Texas Instruments TMP401 Datasheet HTML 34Page - Texas Instruments TMP401 Datasheet HTML 35Page - Texas Instruments TMP401 Datasheet HTML 36Page - Texas Instruments TMP401 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
V+
D+
D-
ALERT/THERM2
SDA
SCL
THERM
GND
Via to Internal Layer
Serial Bus Traces
Via to Power or Ground Plane
To Diode
Supply Bypass
Capacitor
Supply Voltage
Pull-Up Resistors
Pull-Up Resistor
TMP401
www.ti.com
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
Layout Examples (continued)
NOTE: The copper to solder connections must be symmetrical between D+ and D–.
Figure 30. Example Layout
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com