Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 5 Page - Texas Instruments

  TMP401 Datasheet HTML 1Page - Texas Instruments TMP401 Datasheet HTML 2Page - Texas Instruments TMP401 Datasheet HTML 3Page - Texas Instruments TMP401 Datasheet HTML 4Page - Texas Instruments TMP401 Datasheet HTML 5Page - Texas Instruments TMP401 Datasheet HTML 6Page - Texas Instruments TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TMP401
www.ti.com
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Power supply, V+
7.0
V
Input and output voltage(2)
–0.5
(V+) + (0.5)
V
Input current
10
mA
Operating temperature range
–55
+125
°C
Junction Temperature (TJ max)
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage rating applies to all TMP401 input and output pins.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
+130
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
–3000
3000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
–1000
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
V+
Positive supply (3 V to 5.5 V)
5
V
TA
Ambient temperature
25
°C
6.4 Thermal Information
TMP401
THERMAL METRIC(1)
DGK (VSSOP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
78.8
RθJC(top)
Junction-to-case (top) thermal resistance
71.6
RθJB
Junction-to-board thermal resistance
68.2
°C/W
ψJT
Junction-to-top characterization parameter
22.0
ψJB
Junction-to-board characterization parameter
67.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com