Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 2Page - Texas Instruments TMP401 Datasheet HTML 3Page - Texas Instruments TMP401 Datasheet HTML 4Page - Texas Instruments TMP401 Datasheet HTML 5Page - Texas Instruments TMP401 Datasheet HTML 6Page - Texas Instruments TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments TMP401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
6.5 Electrical Characteristics: V+ = 3 V to 5.5 V
At TA = –40°C to +125°C, and V+ = 3 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TELOCAL
Local temperature sensor
TA = –40°C to +125°C
±1
±3
°C
TA = +15°C to +75°C, TREMOTE = –40°C to +150°C,
±1
°C
V+ = 3.3 V
TEREMOTE
Remote temperature sensor(1)
TA = –40°C to +100°C, TREMOTE = –40°C to +150°C,
±3
°C
V+ = 3.3 V
TA = –40°C to +125°C, TREMOTE = –40°C to +150°C
±5
°C
TELOCAL and TEREMOTE versus supply
V+ = 3 V to 5.5 V
±0.2
±0.5
°C/V
TEMPERATURE MEASUREMENT
Conversion time (per channel)
One-shot mode
115
ms
TELOCAL
9
12
Bits
(programmable)
Resolution
TEREMOTE
12
Bits
High
Series resistance, 3 k
Ω max
120
µA
Medium high
60
µA
Remote sensor
source currents
Medium low
12
µA
Low
6
µA
η
Remote transistor ideality factor
TMP401 optimized ideality factor
1.008
SMBus INTERFACE
VIH
Logic input high voltage (SCL, SDA)
2.1
V
VIL
Logic input low voltage (SCL, SDA)
0.8
V
Hysteresis
500
mV
SMBus output low sink current
6
mA
Logic input current
–1
+1
µA
SMBus input capacitance (SCL, SDA)
3
pF
SMBus timeout
30
35
ms
DIGITAL OUTPUTS
VOL
Output low voltage
IOUT = 6 mA
0.15
0.4
V
IOH
High-level output leakage current
VOUT = V+
0.1
1
µA
ALERT/THERM2 output low sink current
ALERT/THERM2 forced to 0.4 V
6
mA
THERM output low sink current
THERM forced to 0.4 V
6
mA
POWER SUPPLY
V+
Specified voltage range
3
5.5
V
0.0625 conversions per second
29
36
µA
8 conversions per second
390
450
µA
IQ
Quiescent current
Serial bus inactive, shutdown mode
3
10
µA
Serial bus active, fS = 400 kHz, shutdown mode
90
µA
Serial bus active, fS = 2.5 MHz, shutdown mode
350
µA
UVLO
Undervoltage lock out
2.3
2.4
2.6
V
POR
Power-on reset threshold
1.6
2.3
V
TEMPERATURE RANGE
Specified range
–40
+125
°C
Storage range
–60
+130
°C
θJA
Thermal resistance, VSSOP-8
150
°C/W
(1)
Tested with less than 5-
Ω effective series resistance and 100-pF differential input capacitance.
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com