Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 4Page - Texas Instruments TMP401 Datasheet HTML 5Page - Texas Instruments TMP401 Datasheet HTML 6Page - Texas Instruments TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments TMP401 Datasheet HTML 10Page - Texas Instruments TMP401 Datasheet HTML 11Page - Texas Instruments TMP401 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
R ( )
W
S
0
500
1000
1500
2000
2500
3000
V+ = 5.5 V
V+ = 3.3 V
5
4
3
2
1
0
-1
3
2
1
0
-1
-2
-3
Capacitance (nF)
0
0.5
1
1.5
2
2.5
3
16
14
12
10
8
6
4
2
0
-2
R ( )
W
S
0
500
1000
1500
2000
2500
3000
V+ = 5.5 V
V+ = 3.3 V
60
40
20
0
-20
-40
-60
Leakage Resistance (M )
W
0
5
10
15
20
25
30
R
V+
to
R to GND
3
2
1
0
-1
-2
-3
Ambient Temperature, T ( C)
°
A
-50
-25
125
100
75
50
25
0
V+ = 3.3 V
T
= +25 C
30 Typical Units Shown
= 1.008
h
REMOTE
°
3
2
1
0
-1
-2
-3
Ambient Temperature, T ( C)
°
A
-50
-25
125
100
75
50
25
0
28 Typical Units Shown
V+ = 3.3 V
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
6.7 Typical Characteristics
At TA = +25°C and V+ = 5.0 V, unless otherwise noted.
Figure 1. Remote Temperature Error vs Temperature
Figure 2. Local Temperature Error vs Temperature
Figure 3. Remote Temperature Error vs Leakage Resistance
Figure 4. Remote Temperature Error vs Series Resistance
(Diode-Connected Configuration; see Figure 11)
Figure 6. Remote Temperature Error vs
Figure 5. Remote Temperature Error vs Series Resistance
Differential Capacitance
(Transistor-Connected Configuration; see Figure 11)
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com