Electronic Components Datasheet Search
  English  ▼

X  

TMP401 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 7Page - Texas Instruments TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments TMP401 Datasheet HTML 10Page - Texas Instruments TMP401 Datasheet HTML 11Page - Texas Instruments TMP401 Datasheet HTML 12Page - Texas Instruments TMP401 Datasheet HTML 13Page - Texas Instruments TMP401 Datasheet HTML 14Page - Texas Instruments TMP401 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Device ID Register
Manufacturer ID Register
THERM Hysteresis Register
Consecutive Alert
Configuration Register
TR
TL
Status Register
Conversion Rate
Register
One-Shot
Start Register
D+
1
5
7
8
2
3
Bus Interface
Pointer Register
Resolution Register
Configuration Register
Local Temp Low Limit
Local THERM Limit
Local Temp High Limit
Remote Temp Low Limit
Remote THERM Limit
Remote Temp High Limit
Remote
Temperature
Register
Local
Temperature
Register
Temperature
Comparators
Interrupt
Configuration
SCL
GND
THERM
4
6
ALERT/THERM2
V+
V+
SDA
D-
TMP401
TMP401
www.ti.com
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
7.2 Functional Block Diagram
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com